Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4304-3 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADA4304-3
Descripción Electrónicos  Single-Ended, Low Cost, Active RF Splitters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4304-3 Datasheet(HTML) 4 Page - Analog Devices

  ADA4304-3_15 Datasheet HTML 1Page - Analog Devices ADA4304-3_15 Datasheet HTML 2Page - Analog Devices ADA4304-3_15 Datasheet HTML 3Page - Analog Devices ADA4304-3_15 Datasheet HTML 4Page - Analog Devices ADA4304-3_15 Datasheet HTML 5Page - Analog Devices ADA4304-3_15 Datasheet HTML 6Page - Analog Devices ADA4304-3_15 Datasheet HTML 7Page - Analog Devices ADA4304-3_15 Datasheet HTML 8Page - Analog Devices ADA4304-3_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADA4304-3/ADA4304-4
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
5.5 V
Power Dissipation
See Figure 3
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
THERMAL RESISTANCE
θJA is specified for the device (including exposed pad)
soldered to a high thermal conductivity 4-layer (2s2p)
circuit board, as described in EIA/JESD 51-7.
Table 3. Thermal Resistance
Package Type
θJA
Unit
16-Lead LFCSP (Exposed Pad)
98
°C/W
Maximum Power Dissipation
The maximum safe power dissipation in the ADA4304-3/
ADA4304-4 package is limited by the associated rise in
junction temperature (TJ) on the die. At approximately
150°C, which is the glass transition temperature, the plastic
changes its properties. Even temporarily exceeding this
temperature limit can change the stresses that the package
exerts on the die, permanently shifting the parametric
performance. Exceeding a junction temperature of 150°C
for an extended period can result in changes in the silicon
devices, potentially causing failure.
The power dissipated in the package (PD) is essentially equal to
the quiescent power dissipation, that is, the supply voltage (VS)
times the quiescent current (IS). In Table 1, the maximum
power dissipation of the ADA4304-3/ADA4304-4 can be
calculated as
PD (MAX) = 5.25 V × 105 mA = 551 mW
Airflow increases heat dissipation, effectively reducing θJA.
In addition, more metal directly in contact with the package
leads/exposed pad from metal traces, through-holes, ground,
and power planes reduces the θJA.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 16-lead LFCSP
(98°C/W) on a JEDEC standard 4-layer board.
0
0
100
AMBIENT TEMPERATURE (°C)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
20
30
40
50
60
70
80
90
Figure 3. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION


Número de pieza similar - ADA4304-3_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4304-3ACPZ-R2 AD-ADA4304-3ACPZ-R2 Datasheet
217Kb / 11P
   1:3 and 1:4 Single-Ended, Low Cost Active RF Splitters
ADA4304-3ACPZ-R7 AD-ADA4304-3ACPZ-R7 Datasheet
217Kb / 11P
   1:3 and 1:4 Single-Ended, Low Cost Active RF Splitters
ADA4304-3ACPZ-RL AD-ADA4304-3ACPZ-RL Datasheet
217Kb / 11P
   1:3 and 1:4 Single-Ended, Low Cost Active RF Splitters
More results

Descripción similar - ADA4304-3_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4304-4 AD-ADA4304-4_15 Datasheet
438Kb / 12P
   Single-Ended, Low Cost, Active RF Splitters
REV. 0
ADA4304-3 AD-ADA4304-3 Datasheet
217Kb / 11P
   1:3 and 1:4 Single-Ended, Low Cost Active RF Splitters
ADA4303-2 AD-ADA4303-2_15 Datasheet
266Kb / 12P
   Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4303-2 AD-ADA4303-2 Datasheet
268Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4304-2 AD-ADA4304-2 Datasheet
411Kb / 12P
   1:2 Single-Ended, Low Cost, Active RF Splitter
REV. 0
ADA4304-2 AD-ADA4304-2_16 Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
ADA4303-2 AD-ADA4303-2_16 Datasheet
207Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
logo
Texas Instruments
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com