Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST302 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

No. de pieza ST302
Descripción Electrónicos  Photo translation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

ST302 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  ST302 Datasheet HTML 1Page - KODENSHI_AUK CORP. ST302 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
ST-302・ST-303
Photo transistors
KODENSHI
The ST-302, 303 a high-sensitivity NPN silicon
phototransistor mounted in a clear sidelooking
package, is compact, low profile and easy to mount.
FEATURES
•Low profile package
•Compact
•Low-cost
•Sidelooking plastic package
APPLICATIONS
•Photointerrupters
•Optical switches
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
C-E voltage
E-C voltage
Collector current
Collector power dissipation
Operating temp.
Storage Temp.
Soldering temp. *1
VCEO
VECO
IC
PC
Topr.
Tstg.
Tsol.
30
6
20
75
-25~+85
-30~+100
240
V
V
mA
mW
Unit
(Ta=25℃)
500~1,050
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
VCEO=10V
VCE=5V, 1,000lx
*2
IC=0.5mA, 2,000lx
*2
VCC=10V, IC=5mA,
RL=100Ω
Item
Typ.
1.5
0.2
3.2
4.8
880
±30
Collector dark current
Light current
C-E saturation voltage
Switching speeds
Rise time
Fall time
Spectral sensitivity
Peak wavelength
Half anglee
ICEO
IL
VCE(sat)
tr
tf
λ
λp
△θ
0.2
100
0.4
nA
mA
V
μsec.
μsec.
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.
*1. For MAX.5 seconds at the position of 2 mm from the package
*2. Color temp.=2856K standard Tungsten lamp
ST-302
ST-303


Número de pieza similar - ST302

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ST302 ETC-ST302 Datasheet
113Kb / 2P
   PHOTOTRANSISTORS
logo
Microsemi Corporation
ST3020 MICROSEMI-ST3020 Datasheet
160Kb / 3P
   Silicon Dual Power Rectifier
logo
Sitronix Technology Co....
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Sangdest Microelectroni...
ST30200C SMC-ST30200C Datasheet
105Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST30200C SMCDIODE-ST30200C Datasheet
326Kb / 6P
   SCHOTTKY RECTIFIER
Rev. A
More results

Descripción similar - ST302

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
FX-200 VECTRON-FX-200 Datasheet
199Kb / 4P
   Frequency Translation Products
logo
Shenzhen Huazhimei Semi...
HM74HC595D HMSEMI-HM74HC595D Datasheet
2Mb / 8P
   high speecd translation fmaxo25MHa
logo
Analog Devices
ADF4401A AD-ADF4401A Datasheet
914Kb / 39P
   Translation Loop, PLL, VCO Module
logo
Toshiba Semiconductor
TLP822 TOSHIBA-TLP822 Datasheet
430Kb / 11P
   PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR
logo
Texas Instruments
TXS0206A TI1-TXS0206A Datasheet
1,013Kb / 23P
[Old version datasheet]   SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
logo
NIHON DEMPA KOGYO
NW50M50LA NDK-NW50M50LA Datasheet
87Kb / 1P
   Frequency Timing and Translation Modules
logo
NXP Semiconductors
74AVC20T245 PHILIPS-74AVC20T245_15 Datasheet
263Kb / 27P
   74AVC20T245_15 voltage translation; 3-state
Rev. 7-8 March 2012
logo
Integrated Circuit Syst...
M2040 ICST-M2040 Datasheet
192Kb / 12P
   FREQUENCY TRANSLATION PLL WITH AUTOSWITCH
logo
KODENSHI_AUK CORP.
SP-1CL3 KODENSHI-SP-1CL3 Datasheet
268Kb / 2P
   Photo diodes
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com