Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4430-1 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADA4430-1
Descripción Electrónicos  Ultralow Power Video Filter with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4430-1 Datasheet(HTML) 4 Page - Analog Devices

  ADA4430-1_15 Datasheet HTML 1Page - Analog Devices ADA4430-1_15 Datasheet HTML 2Page - Analog Devices ADA4430-1_15 Datasheet HTML 3Page - Analog Devices ADA4430-1_15 Datasheet HTML 4Page - Analog Devices ADA4430-1_15 Datasheet HTML 5Page - Analog Devices ADA4430-1_15 Datasheet HTML 6Page - Analog Devices ADA4430-1_15 Datasheet HTML 7Page - Analog Devices ADA4430-1_15 Datasheet HTML 8Page - Analog Devices ADA4430-1_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADA4430-1
Rev. C | Page 4 of 20
VS = 5 V @ TA = 25°C, VIN = 1 V p-p, RL = 150 Ω, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ELECTRICAL SPECIFICATIONS
Quiescent Supply Current
2.0
2.4
mA
Quiescent Supply Current
ADA4430-1W only: TMIN to TMAX
2.0
3.1
mA
Quiescent Supply Current—Disabled
0.2
10
μA
Quiescent Supply Current—Disabled
ADA4430-1W only: TMIN to TMAX
0.2
15
μA
Supply Voltage
ADA4430-1W only: TMIN to TMAX
2.5
6
V
Input Voltage Range—Low/High
Limited by output range; see the Applications
Information section
0/2.35
V
Input Resistance
10
Input Capacitance
1
pF
Input Bias Current
0.5
μA
Output Voltage Range—Low/High
0.10/4.80
V
Output Offset Voltage
100
145
mV
Output Offset Voltage
ADA4430-1W only: TMIN to TMAX
100
200
mV
PSRR
Input referred, ADA4430-1W only: TMIN to TMAX
50
61
dB
Pass-Band Gain
ADA4430-1W only: TMIN to TMAX
5.85
6
dB
Input-to-Output Isolation—Disabled
f = 1 MHz
92
dB
FILTER CHARACTERISTICS
−3 dB Bandwidth
ADA4430-1W only: TMIN to TMAX
7.2
9.5
MHz
1 dB Flatness
ADA4430-1W only: TMIN to TMAX
5.5
7.9
MHz
Out-of-Band Rejection
f = 27 MHz, ADA4430-1W only: TMIN to TMAX
40
50
dB
Differential Gain
Modulated 10-step ramp, sync tip at 0 V
0.25
%
Differential Phase
Modulated 10-step ramp, sync tip at 0 V
0.15
Degrees
Linear Output Current
40
mA
Group Delay Variation
f = 100 kHz to 5 MHz
7.1
ns
Signal-to-Noise Ratio
100% white signal, f = 100 kHz to 5 MHz
76
dB
DISABLE
Disable Input Voltage
Device disabled
<0.8
V
Device enabled
>1
V


Número de pieza similar - ADA4430-1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4430-1YKSZ-R7 AD-ADA4430-1YKSZ-R7 Datasheet
383Kb / 16P
   Ultralow Power Video Filter with Power-Down
REV. A
ADA4430-1YKSZ-RL AD-ADA4430-1YKSZ-RL Datasheet
383Kb / 16P
   Ultralow Power Video Filter with Power-Down
REV. A
ADA4430-1YKSZ_R2 AD-ADA4430-1YKSZ_R2 Datasheet
383Kb / 16P
   Ultralow Power Video Filter with Power-Down
REV. A
More results

Descripción similar - ADA4430-1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4430-1 AD-ADA4430-1 Datasheet
383Kb / 16P
   Ultralow Power Video Filter with Power-Down
REV. A
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
   Ultralow Power SD Video Filter with Load Detection
REV. 0
ADA4431-1 AD-ADA4431-1 Datasheet
456Kb / 12P
   Ultralow Power SD Video Filter with Load Detection
REV. 0
logo
STMicroelectronics
TSH122 STMICROELECTRONICS-TSH122 Datasheet
583Kb / 16P
   Ultra low power video buffer,filter with power-down
logo
3PEAK INC.
TPF110 3PEAK-TPF110 Datasheet
1Mb / 12P
   Ultra-low Power Video Filter with Shut-down & SAG Correction
logo
Texas Instruments
TVP5150PBS TI1-TVP5150PBS Datasheet
1Mb / 68P
[Old version datasheet]   Ultralow-Power NTSC/PAL Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com