Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADATE205 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADATE205
Descripción Electrónicos  250 MHz Dual DCL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADATE205 Datasheet(HTML) 4 Page - Analog Devices

  ADATE205_15 Datasheet HTML 1Page - Analog Devices ADATE205_15 Datasheet HTML 2Page - Analog Devices ADATE205_15 Datasheet HTML 3Page - Analog Devices ADATE205_15 Datasheet HTML 4Page - Analog Devices ADATE205_15 Datasheet HTML 5Page - Analog Devices ADATE205_15 Datasheet HTML 6Page - Analog Devices ADATE205_15 Datasheet HTML 7Page - Analog Devices ADATE205_15 Datasheet HTML 8Page - Analog Devices ADATE205_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADATE205
Rev. A | Page 4 of 16
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VIT Linearity Error
−15
+5
+15
mV
Data = VH relative to line
between 0 V to 5 V; full range of
VIH = −1.4 V to +6.5 V
Offset Tempco
80
μV/°C
65°C to 105°C
Driver Interaction
VH Interaction to VL
−2
+2
mV
VIH = 5.0 V; VIL = −1.5 V, +4.7 V,
+4.8 V, +4.9 V
VH Interaction to VT
−2
+2
mV
VIH = 3.0 V; VIT = −1.5 V, +2.9 V,
+3.1 V, +6.5 V
VL Interaction to VH
−2
+2
mV
VIL = 0.0 V; VIH = 0.1 V, 0.2 V,
0.3 V, 6.5 V
VL Interaction to VT
−2
+2
mV
VIL = 0.0 V; VIT = −1.5 V, −0.1 V,
+0.1 V, +6.5 V
VT Interaction to VH
−2
+2
mV
VIT = 1.5 V, VIL = −1.0 V;
VIH = −0.8 V, +1.4 V, +1.6 V,
+6.5 V
VT Interaction to VL
−2
+2
mV
VIT = 1.5 V, VIH = 6.0 V; IL = −1.5
V, +1.4 V, +1.6 V, +5.8 V
Rise/Fall Times at Device Under Testing (DUT)
0.2 V Swing: Rise/Fall Time
300
ps
Terminated 20% to 80%,
VIH = 400 mV, VIL = 0 V, VIT = 0 V
0.5 V Swing: Rise/Fall Time
500
ps
Terminated 10% to 90%,
VIH = 1.0 V, VIL = 0 V, VIT = 0 V
1 V Swing: Rise/Fall Time
800
ps
Terminated 10% to 90%,
VIH = 2.0 V, VIL = 0 V, VIT = 0 V
3 V Swing: Rise/Fall Time
1.1
ns
Unterminated 10% to 90%,
VIH = 3.0 V, VIL = 0 V, VIT = 0 V
3 V Swing: Rise/Fall Time
700
800
920
ps
Terminated 20% to 80%,
VIH = 3.0 V, VIL = 0 V, VIT = 0 V
using DUT comparator
5 V Swing: Rise/Fall Time
1.8
ns
Unterminated 10% to 90%;
VIH = 5.0 V, VIL = 0 V, VIT = 0 V
Minimum Pulse Width at DUT
500 mV Swing1
500
ps
Terminated, VIH = 1.0 V, VIL = 0 V,
VIT = 0 V
1.5 V Swing1
800
ps
Terminated, VIH = 3.0 V, VIL = 0 V,
VIT = 0 V
Toggle Rate @ 3 V
250
MHz
Unterminated, 50/50 dc
measured frequency when
amplitude drops 10%
Dynamic Performance, Drive (VH and VL)
Propagation Delay Time2
1.4
ns
Terminated, VIH = 3.0 V,
VIL = 0.0 V, VIT = 0.0 V
Propagation Delay Tempco2
2.0
ps/°C
Terminated, VIH = 3.0 V,
VIL = 0.0 V, VIT = 0.0 V,
65°C to 85°C
Delay Matching, Edge-to-Edge
20
ps
Delay Change vs. Pulse Width2
30
ps
Terminated, VIH = 3.0 V,
VIL = 0.0 V, VIT = 0.0 V, 1μs
period, pulse width = 50 ns
to 1 ns
Delay Change vs. Duty Cycle2
5
ps
Terminated, VIH = 3.0 V,
VIL = 0.0 V, VIT = 0.0 V, 1 μs
period; 10%, 50%, and 90% duty
cycle


Número de pieza similar - ADATE205_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADATE205BSV AD-ADATE205BSV Datasheet
389Kb / 16P
   250 MHz Dual DCL
REV. 0
More results

Descripción similar - ADATE205_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADATE205 AD-ADATE205 Datasheet
389Kb / 16P
   250 MHz Dual DCL
REV. 0
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
ADATE206 AD-ADATE206 Datasheet
315Kb / 16P
   500 MHz Dual DCL
REV. 0
ADATE206 AD-ADATE206_15 Datasheet
348Kb / 16P
   500 MHz Dual DCL
REV. A
ADATE304 AD-ADATE304_17 Datasheet
1Mb / 51P
   200 MHz Dual Integrated DCL
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
   500 MHz Dual Integrated DCL
ADATE305 AD-ADATE305 Datasheet
1Mb / 56P
   250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
   1.25 GHz Dual Integrated DCL
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
   600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
   500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com