Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADATE205 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADATE205
Descripción Electrónicos  250 MHz Dual DCL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADATE205 Datasheet(HTML) 1 Page - Analog Devices

  ADATE205_15 Datasheet HTML 1Page - Analog Devices ADATE205_15 Datasheet HTML 2Page - Analog Devices ADATE205_15 Datasheet HTML 3Page - Analog Devices ADATE205_15 Datasheet HTML 4Page - Analog Devices ADATE205_15 Datasheet HTML 5Page - Analog Devices ADATE205_15 Datasheet HTML 6Page - Analog Devices ADATE205_15 Datasheet HTML 7Page - Analog Devices ADATE205_15 Datasheet HTML 8Page - Analog Devices ADATE205_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
250 MHz Dual DCL
ADATE205
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Driver, comparator, and active load
250 MHz toggle rate
Inhibit mode function
Dynamic clamps
Operating voltage range: −1.5 V to +6.5 V
Output voltage swing: 200 mV to 8 V
Four range adjustable slew rate
True/complement data mode bit
100-lead thin quad flat package, exposed pad
Low per channel power
1.15 W with load off
1.50 W with load programmed at 20 mA nominal
Low leakage (<10 nA) in High-Z mode
Driver
50 Ω output resistance
1.6 ns minimum pulse width for a 3 V step
Load: −35 mA to +35 mA maximum current range
APPLICATIONS
Automatic test equipment
Semiconductor test systems
Board test systems
Instrumentation and characterization equipment
GENERAL DESCRIPTION
The ADATE205 is a complete, single-chip solution that
performs the pin electronics functions of driver, comparator,
and active load (DCL) for ATE applications. The active load can
be powered down if not used.
The driver is a proprietary design that features three active
modes: data high mode, data low mode, and term mode, as well
as an inhibit state.
The driver has low leakage (<10 nA) in High-Z mode. The
output voltage range is −1.5 V to +6.5 V to accommodate a wide
variety of test devices.
The ADATE205 supports four programmable Tr/Tf times for
applications where slower edge rates are required. The edge rate
selection is done via two static digital CMOS select bits. The
input data to the driver can be inverted using a single CMOS
logic bit. This feature can be used for system calibration or
applications where complement input data is needed.
FUNCTIONAL BLOCK DIAGRAM
DRIVER
VCC
(18, 19, 57, 58, 77, 78, 89, 98, 99)
1x
COMP_H
IOL
IOH
TEMP
GNDREF
VIOH
VIOL
VCOM
CVL
COMP_L_N
COMP_H_N
COMP_H_P
CVH
LDEN
VTEN
DR_EN_N
DR_EN_N_T
DR_EN_P_T
DR_EN_P
DR_DATA_N
DR_DATA_N_T
DR_DATA_P_T
DR_DATA_P
DR_INV
VIH
VIL
VIT
COMP_L_P
CLLM
DUT
CLAMPH
CLAMPL
TEMP SENSOR
(5 DIODES)
LOGIC
LOAD
LOGIC
7
69
8
68
9
67
6
70
81
95
88
11
66
10
65
22
54
23
53
24
52
25
51
26
50
27
49
28
48
29
47
15
61
14
62
4
72
3
73
2
74
31
45
91
85
32
44
13
63
COMP_L
34
42
35
41
90
86
1
75
NC
(30, 46)
SHIELDS
(80, 82, 94, 96)
ADATE205
VEE
(16, 17, 33, 43, 59, 60, 84, 87, 92)
GND
(5, 12, 20, 21, 36, 40, 55, 56, 64, 71, 76, 79, 83, 93, 97,100)
Figure 1.


Número de pieza similar - ADATE205_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADATE205BSV AD-ADATE205BSV Datasheet
389Kb / 16P
   250 MHz Dual DCL
REV. 0
More results

Descripción similar - ADATE205_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADATE205 AD-ADATE205 Datasheet
389Kb / 16P
   250 MHz Dual DCL
REV. 0
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
ADATE206 AD-ADATE206 Datasheet
315Kb / 16P
   500 MHz Dual DCL
REV. 0
ADATE206 AD-ADATE206_15 Datasheet
348Kb / 16P
   500 MHz Dual DCL
REV. A
ADATE304 AD-ADATE304_17 Datasheet
1Mb / 51P
   200 MHz Dual Integrated DCL
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
   500 MHz Dual Integrated DCL
ADATE305 AD-ADATE305 Datasheet
1Mb / 56P
   250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
   1.25 GHz Dual Integrated DCL
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
   600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
   500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com