Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADAR7251 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADAR7251
Descripción Electrónicos  4-Channel, 16-Bit, Continuous Time Data Acquisition ADC
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADAR7251 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAR7251_15 Datasheet HTML 7Page - Analog Devices ADAR7251_15 Datasheet HTML 8Page - Analog Devices ADAR7251_15 Datasheet HTML 9Page - Analog Devices ADAR7251_15 Datasheet HTML 10Page - Analog Devices ADAR7251_15 Datasheet HTML 11Page - Analog Devices ADAR7251_15 Datasheet HTML 12Page - Analog Devices ADAR7251_15 Datasheet HTML 13Page - Analog Devices ADAR7251_15 Datasheet HTML 14Page - Analog Devices ADAR7251_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Data Sheet
ADAR7251
Rev. 0 | Page 11 of 72
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
AVDDx to AGNDx, DGNDx
−0.3 V to +3.63 V
DVDDx to AGNDx, DGNDx
−0.3 V to +1.98 V
IOVDDx to AGNDx, DGNDx
−0.3 V to +3.63 V
AGNDx to DGNDx
−0.3 V to +0.3 V
Analog Input Voltage to AGNDx
−0.3 V to +3.63 V
Digital Input Voltage to DGNDx
−0.3 V to +3.63 V
Digital Output Voltage to DGNDx
−0.3 V to +3.63 V
Input Current to Any Pin Except Supplies
±10 mA
Operating Temperature Range (Ambient)
−40°C to +125°C
Junction Temperature Range
−40°C to + 150°C
Storage Temperature Range
−65°C to +150°C
RoHS-Compliant Temperature Soldering
Reflow
260°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA represents junction-to-ambient thermal resistance, and
θJC represents the junction-to-case thermal resistance. All
characteristics are for a standard JEDEC board per JESD51.
Table 8. Thermal Resistance
Package Type
θJA1
θJC1
Unit
48-Lead LFCSP_SS
25
1
°C/W
1JEDEC 2S2P standard board.
ESD CAUTION


Número de pieza similar - ADAR7251_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADAR1000 AD-ADAR1000 Datasheet
1Mb / 65P
   8 GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
ADAR2001 AD-ADAR2001 Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
ADAR2001-EVALZ AD-ADAR2001-EVALZ Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
ADAR2001ACCZ AD-ADAR2001ACCZ Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
ADAR2001ACCZ-R7 AD-ADAR2001ACCZ-R7 Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
More results

Descripción similar - ADAR7251_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Analog Devices
AD974 AD-AD974_15 Datasheet
206Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974 AD-AD974 Datasheet
202Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974 AD-AD974_17 Datasheet
237Kb / 21P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
AD974BRSZ AD-AD974BRSZ Datasheet
189Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
AD8401 AD-AD8401 Datasheet
225Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com