Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2328DS-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SI2328DS-HF
Descripción Electrónicos  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2328DS-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2328DS-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2328DS-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2328DS-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2328DS-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
Features
VDS (V) = 100V
ID = 1.5 A (VGS = 10V)
RDS(ON) < 250mΩ (VGS = 4.5V)
G
S
D
2
3
1
Absolute Maximum Ratings Ta = 25℃
Symbol
5 sec
Steady State
Unit
VDS
VGS
Ta=25℃
1.5
1.15
Ta=70℃
1.2
0.92
IDM
Avalanche Current
*2
IAS
Single Avalanche Energy
EAS
mJ
Ta=25℃
1.25
0.73
Ta=70℃
0.8
0.47
RthJF
TJ
Tstg
Power Dissipation *1
Thermal Resistance.Junction- to-Ambient *1 t≤5 sec
Steady State
tate
Thermal Resistance.Junction-to-Foot
V
Pulsed Drain Current
*2
A
100
±20
6
6
L=0.1mH
1.8
Parameter
Continuous Drain Current
*1
ID
Drain-Source Voltage
Gate-Source Voltage
/W
Junction Temperature
Storage Temperature Range
55
150
-55 to 150
W
RthJA
100
170
PD
*1 Surface Mounted on 1” x 1” FR4 Board.
*2 Pulse width limited by maximum junction temperature
(TJ = 150℃)
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
N-Channel MOSFET
SI2328DS-HF (KI2328DS-HF)
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
1. Gate
2. Source
3. Drain


Número de pieza similar - SI2328DS-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
SI2328DS-HF-3 KEXIN-SI2328DS-HF-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Descripción similar - SI2328DS-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com