Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMN0665FD Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

No. de pieza SMN0665FD
Descripción Electrónicos  Advanced N-Ch Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMN0665FD Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SMN0665FD Datasheet HTML 1Page - KODENSHI_AUK CORP. SMN0665FD Datasheet HTML 2Page - KODENSHI_AUK CORP. SMN0665FD Datasheet HTML 3Page - KODENSHI_AUK CORP. SMN0665FD Datasheet HTML 4Page - KODENSHI_AUK CORP. SMN0665FD Datasheet HTML 5Page - KODENSHI_AUK CORP. SMN0665FD Datasheet HTML 6Page - KODENSHI_AUK CORP. SMN0665FD Datasheet HTML 7Page - KODENSHI_AUK CORP. SMN0665FD Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. date: 07-DEC-12
KSD-T0O122-000
www.auk.co.kr
1 of 8
SMN0665FD
Advanced N-Ch Power MOSFET
SWITCHING REGULATOR APPLICATION
Features
• Drain-Source breakdown voltage: BVDSS=650V (Min.)
• Low gate charge: Qg=14nC (Typ.)
• Low drain-source On resistance: RDS(on)=1.8Ω
• 100% avalanche tested
• RoHS compliant device
Ordering Information
Part Number
Marking
Package
SMN0665FD
SMN0665
TO-220F-3L
Marking Information
Absolute maximum ratings (T
C=25°C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
650
V
Gate-source voltage
VGSS
±30
V
Drain current (DC) *
ID
Tc=25°C
5.5
A
Tc=100°C
3.48
A
Drain current (Pulsed) *
IDM
22
A
Single avalanche current (Note 2)
IAS
5.5
A
Single pulsed avalanche energy (Note 2)
EAS
245
mJ
Repetitive avalanche current (Note 1)
IAR
5.5
A
Repetitive avalanche energy (Note 1)
EAR
4.8
mJ
Power dissipation
PD
48
W
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55~150
°C
* Limited only maximum junction temperature
AUK
ΔYMDD
SDB20D45
AUK
ΔYMDD
SDB20D45
AUK
GFYMDD
SMN0665
Column 1: Manufacturer
Column 2: Production Information
e.g.) GFYMDD
-. G: Option Code (H: Halogen Free)
-. F: Factory Management Code
-. YMDD: Date Code (Year, Month, Date)
Column 3: Device Code
TO-220F-3L
G D S


Número de pieza similar - SMN0665FD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SMN0665F KODENSHI-SMN0665F Datasheet
350Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMN0665FL KODENSHI-SMN0665FL Datasheet
389Kb / 8P
   SWITCHING REGULATOR APPLICATION
More results

Descripción similar - SMN0665FD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SMK630F KODENSHI-SMK630F Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
STK830D KODENSHI-STK830D Datasheet
470Kb / 8P
   Advanced N-Ch Power MOSFET
logo
Shenzhen Foster Semicon...
FIR5N60FG FOSTER-FIR5N60FG Datasheet
5Mb / 9P
   Advanced N-Ch Power MOSFET
logo
KODENSHI_AUK CORP.
SUN08A50D KODENSHI-SUN08A50D Datasheet
487Kb / 8P
   Advanced N-Ch Power MOSFET
SUN09A40D KODENSHI-SUN09A40D Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
SUN0550D KODENSHI-SUN0550D Datasheet
310Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0260I KODENSHI-SMK0260I Datasheet
533Kb / 8P
   Advanced N-Ch Power MOSFET
SNN5010D KODENSHI-SNN5010D Datasheet
409Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0460FG KODENSHI-SMK0460FG Datasheet
365Kb / 8P
   Advanced N-Ch Power MOSFET
SMK1060FG KODENSHI-SMK1060FG Datasheet
335Kb / 8P
   Advanced N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com