Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SO2336-G Datasheet(PDF) 3 Page - KODENSHI KOREA CORP.

No. de Pieza. SO2336-G
Descripción  SMD LED
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KODENSHI [KODENSHI KOREA CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo 

SO2336-G Datasheet(HTML) 3 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AUK CORP.
SO2336-G
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
5. Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward voltage
VF
IF= 20mA
1.85
-
2.3
V
*3 Luminous intensity
IV
IF= 20mA
220
-
410
mcd
Dominant wavelength
λD
IF= 20mA
600
604
608
nm
Spectrum bandwidth
λ
IF= 20mA
-
35
-
nm
Reverse current
IR
VR=5V
-
-
10
µA
*4 Half angle
θ/2
IF= 20mA
-
±60
-
deg
*3.The test result of IF=20mA is only for reference
*4.
θ/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
◆ VF / IV Grade Classification (Ta=25℃)
Test Condition @ IF=20mA
Forward Voltage [V]
Luminous Intensity [mcd]
1 : 1.85~2.1
N : 220~310
2 : 2.1~2.3
O : 310~410
(Each VF, IV range did not consider a margin. Please refer to ±0.1V of VF range,
±18% of IV range as a permitted limit and do not use to combine grade classification.
It must be used separately grade classification)


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn