Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SO2336-G Datasheet(PDF) 1 Page - KODENSHI KOREA CORP.

No. de Pieza. SO2336-G
Descripción  SMD LED
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KODENSHI [KODENSHI KOREA CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo 

SO2336-G Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AUK CORP.
SO2336-G
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
1. Features
◆ Colorless transparency lens type
◆ Using a package with high heat dissipation properties,
it can be driven with a large current
◆ Wide viewing angle
◆ Encapsulating Resin : Silicone Resin
◆External dimensions : 3.5(L)×2.8(W)×1.9mm(T) surface mount type
2. Applications
◆ Backlighting
◆ Signal indicator
◆ Symbol backlighting
◆ Front panel indicator
3. Outline Dimensions
unit : mm
2
0.80± 0.1
0.30± 0.1
1
2.20± 0.05
2.80± 0.05
1.90± 0.05
0.80± 0.05
Recommended Soldering Pattern
PIN Connections
1. Anode
2. Cathode


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn