Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SO2336-G Datasheet(PDF) 2 Page - KODENSHI KOREA CORP.

No. de Pieza. SO2336-G
Descripción  SMD LED
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KODENSHI [KODENSHI KOREA CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo 

SO2336-G Datasheet(HTML) 2 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AUK CORP.
SO2336-G
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
4. Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
70
mW
Forward current
IF
30
mA
*1 Peak forward current
IFP
50
mA
Reverse voltage
VR
5
V
Operating temperature range
Topr
-40
∼100
Storage temperature range
Tstg
-40
∼110
*2 Soldering temperature
Tsol
240
℃ for 10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Recommended reflow soldering temperature profile
- Preheating 150
℃ to 185℃ within 120 seconds soldering 240℃ within 10 seconds
Gradual cooling (Avoid quenching)
max. 10sec
Temp (
℃)
Time (sec)
185
150
240
Peak Temp max. 240
Preheating area
150~185
℃, 90±30sec
max. 3
℃/sec
25
Time from 25
℃ to Peak Temperature max. 6min
Solder area
220
℃, max. 60sec
max. 4
℃/sec
max. -6
℃/sec
240
180
150
60
0


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn