Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADEL2020AR-20 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADEL2020AR-20
Descripción Electrónicos  Improved Second Source to the EL2020
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADEL2020AR-20 Datasheet(HTML) 5 Page - Analog Devices

  ADEL2020AR-20 Datasheet HTML 1Page - Analog Devices ADEL2020AR-20 Datasheet HTML 2Page - Analog Devices ADEL2020AR-20 Datasheet HTML 3Page - Analog Devices ADEL2020AR-20 Datasheet HTML 4Page - Analog Devices ADEL2020AR-20 Datasheet HTML 5Page - Analog Devices ADEL2020AR-20 Datasheet HTML 6Page - Analog Devices ADEL2020AR-20 Datasheet HTML 7Page - Analog Devices ADEL2020AR-20 Datasheet HTML 8Page - Analog Devices ADEL2020AR-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
ADEL2020
–5–
FREQUENCY – MHz
1
1000
5
3
1
6
4
2
10
100
0
–90
–180
–45
–135
–225
GAIN = +2
RL = 150
GAIN
PHASE
VS = 15V
5V
VS = 15V
5V
–270
7
TPC 7. Closed-Loop Gain and Phase vs. Frequency,
G = +2, RL = 150
Ω, RF = 750 Ω for
±15 V, 715 Ω for ±5 V
SUPPLY VOLTAGE –
V
020
70
50
30
10
60
40
20
GAIN = +2
RL = 150
VO = 250mV p-p
2468
10
12
14
16
18
80
90
100
110
RF = 500
RF = 750
RF = 1k
PEAKING < 1.0dB
PEAKING < 0.1dB
TPC 8. –3 dB Bandwidth vs. Supply Voltage,
Gain = +2, RL = 150
FREQUENCY – MHz
1
1000
19
17
15
20
18
16
10
100
0
–90
–180
–45
–135
–225
GAIN = +10
RF = 270
RL = 150
GAIN
PHASE
VS = 15V
5V
VS = 15V
5V
–270
21
TPC 9. Closed-Loop Gain and Phase vs. Frequency,
G = +10, RL = 150 k
FREQUENCY – MHz
1
1000
5
3
1
6
4
2
10
100
0
–90
–180
–45
–135
–225
GAIN = +2
RL = 1k
GAIN
PHASE
VS = 15V
5V
VS = 15V
5V
–270
7
TPC 10. Closed-Loop Gain and Phase vs. Frequency,
G = +2, RL = 1 k
Ω, RF = 750 Ω for ±15 V, 715 Ω for ±5 V
SUPPLY VOLTAGE –
V
020
70
50
30
10
60
40
20
GAIN = +10
RL = 150
VO = 250mV p-p
2468
10
12
14
16
18
80
90
100
110
RF = 232
RF = 442
RF = 1k
PEAKING < 0.5dB
PEAKING < 0.1dB
TPC 11. –3 dB Bandwidth vs. Supply Voltage,
Gain = +10, RL = 150
FREQUENCY – MHz
1
1000
19
17
15
20
18
16
10
100
0
–90
–180
–45
–135
–225
GAIN = +10
RF = 270
RL = 1k
GAIN
PHASE
VS = 15V
5V
VS = 15V
5V
–270
21
TPC 12. Closed-Loop Gain and Phase vs. Fre-
quency, G = +10, RL = 1 k


Número de pieza similar - ADEL2020AR-20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADEL2020AR-20 AD-ADEL2020AR-20 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
ADEL2020AR-20-REEL AD-ADEL2020AR-20-REEL Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
More results

Descripción similar - ADEL2020AR-20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADEL2020 AD-ADEL2020 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
logo
PerkinElmer Optoelectro...
VTD206 PERKINELMER-VTD206 Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD206K PERKINELMER-VTD206K Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205 PERKINELMER-VTD205 Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34F PERKINELMER-VTD34F Datasheet
42Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205K PERKINELMER-VTD205K Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
logo
STMicroelectronics
AN1019 STMICROELECTRONICS-AN1019 Datasheet
78Kb / 4P
   Second source for SNAPHAT
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
   SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com