Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADEL2020AR-20 Datasheet(PDF) 1 Page - Analog Devices |
|
ADEL2020AR-20 Datasheet(HTML) 1 Page - Analog Devices |
1 / 12 page REV. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 © 2003 Analog Devices, Inc. All rights reserved. ADEL2020 Improved Second Source to the EL2020 FEATURES Ideal for Video Applications 0.02% Differential Gain 0.04 Differential Phase 0.1 dB Bandwidth to 25 MHz (G = +2) High Speed 90 MHz Bandwidth (–3 dB) 500 V/ s Slew Rate 60 ns Settling Time to 0.1% (VO = 10 V Step) Low Noise 2.9 nV/ √Hz Input Voltage Noise Low Power 6.8 mA Supply Current 2.1 mA Supply Current (Power-Down Mode) High Performance Disable Function Turn-Off Time of 100 ns Input to Output Isolation of 54 dB (Off State) CONNECTION DIAGRAMS 8-Lead PDIP (N) 20-Lead SOIC (R) 1 8 4 5 3 6 2 7 ADEL2020 V+ OUTPUT BAL BAL –IN +IN V– DISABLE V+ OUTPUT BAL BAL –IN +IN V– DISABLE NC NC NC NC NC NC NC NC NC NC NC NC NC = NO CONNECT 1 20 4 17 3 18 5 16 8 13 7 14 6 15 9 12 10 11 2 19 TOP VIEW ADEL2020 TOP VIEW GENERAL DESCRIPTION The ADEL2020 is an improved second source to the EL2020. This op amp improves on all the key dynamic specifications while offering lower power and lower cost. The ADEL2020 offers 50% more bandwidth and gain flatness of 0.1 dB to beyond 25 MHz. In addition, differential gain and phase are less than 0.05% and 0.05 ° while driving one back terminated cable (150 Ω). FREQUENCY – Hz +0.1 100k 1M 10M 100M 0 –0.1 RL = 150 15V 5V +0.1 0 –0.1 RL = 1k 15V 5V Figure 1. Fine-Scale Gain (Normalized) vs. Frequency for Various Supply Voltages, RF = 750 Ω, Gain = +2 The ADEL2020 offers other significant improvements. The most important is lower power supply current (33% less than the competition) with higher output drive. Important specifications like voltage noise and offset voltage are less than half of those for the EL2020. The ADEL2020 also provides an improved disable feature. The disable time (to high output impedance) is 100 ns with guaranteed break before make. The ADEL2020 is offered for the industrial temperature range of –40 °C to +85°C and comes in both PDIP and SOIC packages. SUPPLY VOLTAGE – V 0.10 515 0.08 0.06 0.04 0.02 0 0.09 0.07 0.05 0.03 0.01 6789 10 11 12 13 14 0.20 0.16 0.12 0.08 0.04 0 0.18 0.14 0.10 0.06 0.02 GAIN = +2 RF = 750 RL = 150 fC = 3.58MHz 100 IRE MODULATED RAMP GAIN PHASE Figure 2. Differential Gain and Phase vs. Supply Voltage |
Número de pieza similar - ADEL2020AR-20 |
|
Descripción similar - ADEL2020AR-20 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |