Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF4116 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADF4116
Descripción Electrónicos  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF4116 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4116_15 Datasheet HTML 4Page - Analog Devices ADF4116_15 Datasheet HTML 5Page - Analog Devices ADF4116_15 Datasheet HTML 6Page - Analog Devices ADF4116_15 Datasheet HTML 7Page - Analog Devices ADF4116_15 Datasheet HTML 8Page - Analog Devices ADF4116_15 Datasheet HTML 9Page - Analog Devices ADF4116_15 Datasheet HTML 10Page - Analog Devices ADF4116_15 Datasheet HTML 11Page - Analog Devices ADF4116_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADF4116/ADF4117/ADF4118
Rev. D | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
FREQ MagS11
AngS11
0.95
0.92087
–36.961
1.00
0.93788
–39.343
1.05
0.9512
–40.134
1.10
0.93458
–43.747
1.15
0.94782
–44.393
1.20
0.96875
–46.937
1.25
0.92216
–49.6
1.30
0.93755
–51.884
1.35
0.96178
–51.21
1.40
0.94354
–53.55
1.45
0.95189
–56.786
1.50
0.97647
–58.781
1.55
0.98619
–60.545
1.60
0.95459
–61.43
1.65
0.97945
–61.241
1.70
0.98864
–64.051
1.75
0.97399
–66.19
1.80
0.97216
–63.775
FREQ
MagS11
AngS11
0.05
0.89207
–2.0571
0.10
0.8886
–4.4427
0.15
0.89022
–6.3212
0.20
0.96323
–2.1393
0.25
0.90566
–12.13
0.30
0.90307
–13.52
0.35
0.89318
–15.746
0.40
0.89806
–18.056
0.45
0.89565
–19.693
0.50
0.88538
–22.246
0.55
0.89699
–24.336
0.60
0.89927
–25.948
0.65
0.87797
–28.457
0.70
0.90765
–29.735
0.75
0.88526
–31.879
0.80
0.81267
–32.681
0.85
0.90357
–31.522
0.90
0.92954
–34.222
PARAM-TYPE DATA-FORMAT KEYWORD IMPEDANCE-
OHMS
FREQ-
UNIT
GHz
S
MA
R
50
Figure 4. S-Parameter Data for the ADF4118 RF Input (Up to 1.8 GHz)
RF INPUT FREQUENCY (GHz)
04.0
0.5
1.5
2.0
2.5
3.0
3.5
–35
0
–15
–20
–25
–30
–5
–10
1.0
VDD = 3V
VP = 3V
TA = –40°C
–40
–45
TA = +25°C
TA = +85°C
Figure 5. Input Sensitivity (ADF4118)
–2kHz
–1kHz
900MHz
1kHz
2kHz
REFERENCE
LEVEL = –4.2dBm
0
–50
–70
–80
–90
–10
–30
–60
–40
–20
–100
–90.2dBc/Hz
VDD = 3V, VP = 5V
ICP = 1mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 22
Figure 6. ADF4118 Phase Noise
(900 MHz, 200 kHz, 20 kHz)
RL = –40dBc/Hz
10dB/DIVISION
RMS NOISE = 0.64°
100Hz
FREQUENCY OFFSET FROM 900MHz CARRIER
1MHz
–40
–80
–100
–50
–70
–60
–90
–110
–120
–130
–140
0.64° rms
Figure 7. ADF4118 Integrated Phase Noise
(900 MHz, 200 kHz, 35 kHz, Typical Lock Time: 200 μs)
RL = –40dBc/Hz
10dB/DIVISION
RMS NOISE = 0.575°
100Hz
FREQUENCY OFFSET FROM 900MHz CARRIER
1MH
–40
–70
–80
–90
–100
–50
–60
–110
–120
–130
–140
0.575° rms
z
Figure 8. ADF4118 Integrated Phase Noise
(900 MHz, 200 kHz, 20 kHz, Typical Lock Time: 400 μs)
–400kHz
–200kHz
900MHz
200kHz
400kHz
REFERENCE
LEVEL = –3.8dBm
0
–50
–70
–80
–90
–10
–30
–60
–40
–20
–100
–91.5dBc
VDD = 3V, VP = 5V
ICP = 1mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5 SECONDS
AVERAGES = 4
Figure 9. ADF4118 Reference Spurs
(900 MHz, 200 kHz, 20 kHz)


Número de pieza similar - ADF4116_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4116BCP AD-ADF4116BCP Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116BRU AD-ADF4116BRU Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116BRU AD-ADF4116BRU Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4116BRU AD-ADF4116BRU Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4116BRU-REEL AD-ADF4116BRU-REEL Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
More results

Descripción similar - ADF4116_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com