Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7002K-3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2N7002K-3
Descripción Electrónicos  N-Channel Enhancement MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2N7002K-3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2N7002K-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2N7002K-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2N7002K-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
60
Gate-Source Voltage -Continuous
VGS
±20
Drain Current
-Continuous ( Note:1)
300
-Pulsed
800
Power Dissipation
(Note 1)
PD
350
mW
Thermal Resistance.Junction- to-Ambient
RthJA
357
/W
Junction Temperature
TJ
150
Junction and Storage Temperature Range
Tstg
-55 to 150
V
ID
mA
SMD Type
MOSFET
1
1.Base
2.Emitter
1 GATE
2 SOURCE
3 DRAIN
www.kexin.com.cn
Features
Low On-Resistance: RDS(ON)
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
2N7002K
Absolute Maximum Ratings Ta=25
Electrical Characteristics Ta = 25
Marking
Notes: 1. Device mounted on FR-4 PCB.
Note: 2. Short duration test pulse used to minimize self-heating effect.
Marking
702.
N-Channel Enhancement MOSFET
ESD Protected 2KV HBM
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage (Note.2)
VDSS
ID=100μA, VGS=0V
60
V
Zero Gate Voltage Drain Current
(Note.2)
IDSS
VDS=60V, VGS=0V
1
μ
A
Gate-Body Leakage Current
(Note.2)
IGSS
VDS=0V, VGS=±20V
±
10
uA
Gate Threshold Voltage
(Note.2)
VGS(th)
VDS=VGS , ID=250μA
1
1.6
2.5
V
VGS=10V, ID=500mA
2
VGS=10V, ID=50mA
3
Forward Transfer Admittance
(Note.2)
| Yfs |
VGS=10V, ID=200mA
80
ms
Input Capacitance
Ciss
50
Output Capacitance
Coss
25
Reverse Transfer Capacitance
Crss
5
Total Gate Charge
Qg
VGS=4.5V, VDS=15V, ID=200mA
0.8
nC
Turn-On DelayTime
td(on)
20
Turn-Off DelayTime
td(off)
40
Static Drain-Source On-Resistance (Note.2)
RDS(On)
Ω
pF
ns
ID=200mA, VDS=30V,
RG=10Ω,VGEN=10V,RL=150Ω
VGS=0V, VDS=25V, f=1MHz
Source
Gate
Protection
Diode
Gate
D rain
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02


Número de pieza similar - 2N7002K-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
2N7002K-13 DIODES-2N7002K-13 Datasheet
245Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002K-7 DIODES-2N7002K-7 Datasheet
127Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30896 Rev. 2 - 2
2N7002K-7 DIODES-2N7002K-7 Datasheet
248Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
2N7002K-7 DIODES-2N7002K-7 Datasheet
245Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002K-7DITR-ND DIODES-2N7002K-7DITR-ND Datasheet
127Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30896 Rev. 2 - 2
More results

Descripción similar - 2N7002K-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com