Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1959 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SK1959
Descripción Electrónicos  N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK1959 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK1959_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK1959_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK1959_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
2SK1959
Features
VDS (V) = 16V
ID = 2A
RDS(ON) < 3.2Ω (VGS = 1.5V)
RDS(ON) < 0.5Ω (VGS = 4V)
1.70 0.1
0.42 0.1
0.46 0.1
1.Gate
2.Drain
3.Source
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
16
Gate-Source Voltage
VGS
±
7
Continuous Drain Current
ID
2
Pulsed Drain Current
(Note.1)
IDM
4
Power Dissipation
PD
2
W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
Note.1: PW ≤ 10ms,Duty Cycle ≤ 50%
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
16
V
Zero Gate Voltage Drain Current
IDSS
VDS=16V, VGS=0V
1
uA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±7V
±
3
uA
Gate Cut-off Voltage
VGS(off)
VDS=3V ID=100uA
0.5
1.1
V
VGS=1.5V, ID=50mA
3.2
VGS=2.5V, ID=500mA
0.6
VGS=4V, ID=1A
0.5
Forward Transconductance
gFS
VDS=3V, ID=1A
1
S
Input Capacitance
Ciss
160
Output Capacitance
Coss
150
Reverse Transfer Capacitance
Crss
50
Turn-On DelayTime
td(on)
45
Turn-On Rise Time
tr
190
Turn-Off DelayTime
td(off)
180
Turn-Off Fall Time
tf
210
pF
Static Drain-Source On-Resistance
RDS(On)
Ω
VGS(on)=3V, VDS=3V, ID=0.5A,
RL=6Ω,RG=10Ω
VGS=0V, VDS=3V, f=1MHz
ns
Marking
Marking
NQ
Source (S)
Internal
diode
Gate
protection
diode
Gate (G)
Drain (D)


Número de pieza similar - 2SK1959_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK1959 NEC-2SK1959 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SK1959 KEXIN-2SK1959 Datasheet
46Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK1959 RENESAS-2SK1959 Datasheet
262Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

Descripción similar - 2SK1959_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com