Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF7020-1 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADF7020-1
Descripción Electrónicos  High Performance FSK/ASK Transceiver IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF7020-1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF7020-1_15 Datasheet HTML 3Page - Analog Devices ADF7020-1_15 Datasheet HTML 4Page - Analog Devices ADF7020-1_15 Datasheet HTML 5Page - Analog Devices ADF7020-1_15 Datasheet HTML 6Page - Analog Devices ADF7020-1_15 Datasheet HTML 7Page - Analog Devices ADF7020-1_15 Datasheet HTML 8Page - Analog Devices ADF7020-1_15 Datasheet HTML 9Page - Analog Devices ADF7020-1_15 Datasheet HTML 10Page - Analog Devices ADF7020-1_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
ADF7020-1
Rev. 0 | Page 7 of 48
Min
Typ
Max
Unit
Test Conditions
Parameter
POWER SUPPLIES
Voltage Supply
VDD
2.3
3.6
V
All VDD pins must be tied together
Transmit Current Consumption
FRF = 315 MHz, VDD = 3.0 V, PA is matched
to 50 Ω
433 MHz, 0 dBm/5 dBm/10 dBm
13/16/21
mA
VCO_BIAS_SETTING = 2
Receive Current Consumption
Low Current Mode
17.6
mA
VCO_BIAS_SETTING = 2
High Sensitivity Mode
20.1
mA
VCO_BIAS_SETTING = 2
Power-Down Mode
Low Power Sleep Mode
0.1
1
μA
1 Higher data rates are achievable, depending on local regulations.
2 For definition of frequency deviation, see the Register 2—Transmit Modulation Register (FSK Mode) section.
3 For definition of GFSK frequency deviation, see the Register 2—Transmit Modulation Register (GFSK/GOOK Mode) section.
4 Measured as maximum unmodulated power. Output power varies with both supply and temperature.
5 For matching details, see the LNA/PA Matching section.
6 Sensitivity for combined matching network case is typically 2 dB less than separate matching networks. See Table 11 for sensitivity values at various data rates and
frequencies.
7 See Table 6 for a description of different receiver modes.
8 Follow the matching and layout guidelines to achieve the relevant FCC/ETSI specifications.
9 This figure can be used to calculate the in-band phase noise for any operating frequency. Use the following equation to calculate the in-band phase noise
performance as seen at the PA output: –198 + 10 log(fPFD) + 20 log N.


Número de pieza similar - ADF7020-1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF7020-1BCPZ AD-ADF7020-1BCPZ Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020-1BCPZ-RL AD-ADF7020-1BCPZ-RL Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020-1BCPZ-RL7 AD-ADF7020-1BCPZ-RL7 Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
More results

Descripción similar - ADF7020-1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF7020-1 AD-ADF7020-1 Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Analog Devices
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
logo
AUREL S.p.A.
650201420G AUREL-650201420G Datasheet
84Kb / 1P
   Low cost & high performance 434 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
650201424G AUREL-650201424G Datasheet
138Kb / 1P
   Low cost & high performance 868 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com