Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG406 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADG406
Descripción Electrónicos  LC MOS 8-/16-Channel High Performance Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG406 Datasheet(HTML) 5 Page - Analog Devices

  ADG406_15 Datasheet HTML 1Page - Analog Devices ADG406_15 Datasheet HTML 2Page - Analog Devices ADG406_15 Datasheet HTML 3Page - Analog Devices ADG406_15 Datasheet HTML 4Page - Analog Devices ADG406_15 Datasheet HTML 5Page - Analog Devices ADG406_15 Datasheet HTML 6Page - Analog Devices ADG406_15 Datasheet HTML 7Page - Analog Devices ADG406_15 Datasheet HTML 8Page - Analog Devices ADG406_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 5 of 20
Parameter1
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
1
μA typ
VIN = 0 V, VEN = 0 V
5
μA max
ISS
1
μA typ
5
μA max
IDD
100
μA typ
VIN = 0 V, VEN = 2.4 V
200
500
μA max
ISS
1
μA typ
5
μA max
1 Temperature ranges is −40°C to +85°C.
2 Guaranteed by design, not subject to production test.


Número de pieza similar - ADG406_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
More results

Descripción similar - ADG406_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG426 AD-ADG426_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407 AD-ADG407_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG409 AD-ADG409_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
logo
Maxim Integrated Produc...
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com