Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG406 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG406
Descripción Electrónicos  LC MOS 8-/16-Channel High Performance Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG406 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG406_15 Datasheet HTML 3Page - Analog Devices ADG406_15 Datasheet HTML 4Page - Analog Devices ADG406_15 Datasheet HTML 5Page - Analog Devices ADG406_15 Datasheet HTML 6Page - Analog Devices ADG406_15 Datasheet HTML 7Page - Analog Devices ADG406_15 Datasheet HTML 8Page - Analog Devices ADG406_15 Datasheet HTML 9Page - Analog Devices ADG406_15 Datasheet HTML 10Page - Analog Devices ADG406_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 7 of 20
ADG426 TIMING DIAGRAMS
50%
50%
2V
0.8V
3V
0V
3V
A0, A1, A2, (A3)
EN
0V
tW
tS
tH
WR
Figure 4. Timing Sequence for Latching the Switch Address and Enable Inputs
Figure 4 shows the timing sequence for latching the switch
address and enable inputs. The latches are level sensitive;
therefore, while WR is held low, the latches are transparent and
the switches respond to the address and enable inputs. This
input data is latched on the rising edge of WR.
3V
0V
0V
50%
50%
tW
RS
tOFF (RS)
SWITCH
OUTPUT
V0
0.8V0
Figure 5. Reset Pulse Width and Reset Turn Off Time
Figure 5 shows the reset pulse width, trs, and the reset turn off
time, tOFF (RS).
Note that all digital input signals rise and fall times are
measured from 10% to 90% of 3 V; tR = tF = 20 ns.


Número de pieza similar - ADG406_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
More results

Descripción similar - ADG406_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG426 AD-ADG426_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407 AD-ADG407_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG409 AD-ADG409_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
logo
Maxim Integrated Produc...
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com