Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB030N04M3-0-T1-G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

No. de pieza MTB030N04M3-0-T1-G
Descripción Electrónicos  40V N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB030N04M3-0-T1-G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTB030N04M3-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB030N04M3-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB030N04M3-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB030N04M3-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB030N04M3-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB030N04M3-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB030N04M3-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB030N04M3-0-T1-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB030N04M3-0-T1-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C884N3
Issued Date : 2014.08.20
Revised Date :
Page No. : 1/ 9
MTB030N04N3
CYStek Product Specification
40V N-Channel Enhancement Mode MOSFET
MTB030N04N3
Features
• Low on-resistance
• Low voltage gate drive
• Excellent thermal and electrical capabilities
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTB030N04N3-0-T1-G
SOT-23
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
MTB030N04N3
SOT-23
G:Gate
S:Source
D:Drain
D
G
S
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel,7” reel
Product rank, zero for no rank products
Product name
BVDSS
40V
ID @VGS=10V
8A
RDSON(TYP)
VGS=10V, ID=7.9A
25.3mΩ
VGS=4.5V, ID=7.3A
34.2mΩ


Número de pieza similar - MTB030N04M3-0-T1-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB030N03N3 CYSTEKEC-MTB030N03N3 Datasheet
715Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
MTB030N03N3-0-T1-G CYSTEKEC-MTB030N03N3-0-T1-G Datasheet
715Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
More results

Descripción similar - MTB030N04M3-0-T1-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
   40V N-channel enhancement mode MOSFET
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW85N04NF YFWDIODE-YFW85N04NF Datasheet
2Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com