Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG509A Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADG509A
Descripción Electrónicos  CMOS 4-/8-Channel Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG509A Datasheet(HTML) 3 Page - Analog Devices

  ADG509A_15 Datasheet HTML 1Page - Analog Devices ADG509A_15 Datasheet HTML 2Page - Analog Devices ADG509A_15 Datasheet HTML 3Page - Analog Devices ADG509A_15 Datasheet HTML 4Page - Analog Devices ADG509A_15 Datasheet HTML 5Page - Analog Devices ADG509A_15 Datasheet HTML 6Page - Analog Devices ADG509A_15 Datasheet HTML 7Page - Analog Devices ADG509A_15 Datasheet HTML 8Page - Analog Devices ADG509A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 3 of 16
SPECIFICATIONS
DUAL SUPPLY
VDD = 10.8 V to 16.5 V, VSS = −10.8 V to −16.5 V, unless otherwise noted.
Table 1.
ADG508A/
ADG509A
K Version
ADG508A/
ADG509A
B Version
ADG508A/
ADG509A
T Version
Parameter
+25°C
−40°C to
+85°
+25°C
−40°C to
+85°C
+25°C
−55°C to
+125°C
Unit
Comments
ANALOG SWITCH
Analog Signal Range
VSS
VSS
VSS
VSS
VSS
VSS
V min
VDD
VDD
VDD
VDD
VDD
VDD
V max
RON
280
280
280
Ω typ
−10 V ≤ VS ≤ +10 V, IDS = 1 mA;
see Figure 14
450
600
450
600
450
600
Ω max
300
400
300
400
Ω max
VDD = 15 V (±10%),
VSS = −15 V (±10%)
300
400
Ω max
VDD = 15 V (±5%),
VSS = −15 V (±5%)
RON Drift
0.6
0.6
0.6
%/°C typ
VS = 0, IDS = 1 mA
RON Match
5
5
5
% typ
−10 V ≤ VS ≤ +10 V, IDS = 1 mA
IS (Off ), Off Input Leakage
0.02
0.02
0.02
nA typ
V1 = ±10 V, V2 =
10 V;
see
m
Figure 15
1
50
1
50
1
50
nA max
ID (Off), Off Output Leakage
0.04
0.04
0.04
nA typ
V1 = ±10 V, V2 =
10 V;
see
m
Figure 16
ADG508A
1
100
1
100
1
100
nA max
ADG509A
1
50
1
50
1
50
nA max
ID (On), On Channel Leakage
0.04
0.04
0.04
nA typ
V1 = V2 = ±10 V; see Figure 17
ADG508A
1
100
1
100
1
100
nA max
ADG509A
1
50
1
50
1
50
nA max
IDIFF, Differential Off Output
Leakage (ADG509A Only)
25
25
25
nA max
V1 = ±10 V, V2 =
10 V;
see
m
Figure 18
DIGITAL CONTROL
VINH, Input High Voltage
2.4
2.4
2.4
V min
VINL, Input Low Voltage
0.8
0.8
0.8
V max
IINL or IINH
1
1
1
μA max
VIN = 0 to VDD
CIN Digital Input Capacitance
8
8
8
pF max
DYNAMIC CHARACTERISTICS
tTRANSITION1
200
200
200
ns typ
V1 = ±10 V, V2 =
10 V;
see
m
Figure 19
300
400
300
400
300
400
ns max
tOPEN1
50
50
50
ns typ
See Figure 20
25
10
25
10
25
10
ns min
tON (EN)1
200
200
200
ns typ
See Figure 21
300
400
300
400
300
400
ns max
tOFF (EN)1
200
200
200
ns typ
See Figure 21
300
400
300
400
300
400
ns max
OffF Isolation
68
68
68
dB typ
VEN = 0.8 V, RL = 1 kΩ, CL = 15 pF,
VS = 7 V rms, f = 100 kHz
50
50
50
dB min


Número de pieza similar - ADG509A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG509ABCHIPS AD-ADG509ABCHIPS Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG509ABQ AD-ADG509ABQ Datasheet
304Kb / 8P
   CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
REV. B
ADG509ABQ AD-ADG509ABQ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG509AKN AD-ADG509AKN Datasheet
304Kb / 8P
   CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
REV. B
ADG509AKN AD-ADG509AKN Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
More results

Descripción similar - ADG509A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508AKNZ AD-ADG508AKNZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7503JNZ AD-AD7503JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501SQ AD-AD7501SQ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508AKRZ AD-ADG508AKRZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
Rev. D
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com