Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG602 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADG602
Descripción Electrónicos  SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG602 Datasheet(HTML) 4 Page - Analog Devices

  ADG602_15 Datasheet HTML 1Page - Analog Devices ADG602_15 Datasheet HTML 2Page - Analog Devices ADG602_15 Datasheet HTML 3Page - Analog Devices ADG602_15 Datasheet HTML 4Page - Analog Devices ADG602_15 Datasheet HTML 5Page - Analog Devices ADG602_15 Datasheet HTML 6Page - Analog Devices ADG602_15 Datasheet HTML 7Page - Analog Devices ADG602_15 Datasheet HTML 8Page - Analog Devices ADG602_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADG601/ADG602
Rev. C | Page 4 of 12
SINGLE SUPPLY
VDD = 5 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 3.
B Version1
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
VDD = 4.5 V
On Resistance (RON)
3.5
Ω typ
VS = 0 V to 4.5 V, IDS = −10 mA; see Figure 15
5
8
Ω max
On-Resistance Flatness (RFLAT (ON))
0.2
0.2
Ω typ
VS = 1.5 V to 3.3 V, IDS = –10 mA
0.6
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source Off Leakage, IS (Off )
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V; see Figure 16
±0.25
±1
nA max
Drain Off Leakage, ID (Off )
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V; see Figure 16
±0.25
±1
nA max
Channel On Leakage, ID, IS (On)
±0.01
nA typ
VS = VD = 4.5 V or 1 V; see Figure 17
±0.25
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS2
tON
110
ns typ
RL = 300 Ω, CL = 35 pF
220
280
ns max
VS = 3.3 V; see Figure 18
tOFF
50
ns typ
RL = 300 Ω, CL = 35 pF
80
110
ns max
VS = 3.3 V; see Figure 18
Charge Injection
20
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 19
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 20
Bandwidth –3 dB
180
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 21
CS (Off )
50
pF typ
f = 1 MHz
CD (Off )
50
pF typ
f = 1 MHz
CD, CS (On)
145
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or 5.5 V
1.0
μA max
1 Temperature range for B version is −40°C to +85°C.
2 Guaranteed by design, not subject to production test.


Número de pieza similar - ADG602_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG602BRM AD-ADG602BRM Datasheet
132Kb / 8P
   2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV. 0
ADG602BRM AD-ADG602BRM Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
ADG602BRM-REEL AD-ADG602BRM-REEL Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
ADG602BRM-REEL7 AD-ADG602BRM-REEL7 Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
ADG602BRMZ AD-ADG602BRMZ Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
More results

Descripción similar - ADG602_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
   SPST Switches
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
   SPST Switches
logo
Analog Devices
ADG601 AD-ADG601_15 Datasheet
327Kb / 12P
   SPST Switches
REV. C
logo
BOWEI Integrated Circui...
SW601 BOWEI-SW601 Datasheet
346Kb / 1P
   6-SPST Switches
logo
Analog Devices
ADG621 AD-ADG621_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
logo
BOWEI Integrated Circui...
SW401 BOWEI-SW401 Datasheet
252Kb / 1P
   4-SPST Switches
logo
Analog Devices
ADG623 AD-ADG623_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
logo
BOWEI Integrated Circui...
SW801 BOWEI-SW801 Datasheet
329Kb / 1P
   8-SPST Switches
logo
Analog Devices
ADG622 AD-ADG622_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
logo
C&K Components
D6C00F1LFS CK-COMPONENTS-D6C00F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com