Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HIP6028 Datasheet(PDF) 3 Page - Intersil Corporation

No. de Pieza. HIP6028
Descripción  Advanced PWM and Dual Linear Power Control with Integrated ACPI Support Interface
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo 

HIP6028 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2-313
Simplified Power System Diagram
Typical Application
PWM
+5VIN
VOUT1
Q1
Q2
VOUT2
Q3
VOUT3
LINEAR
LINEAR
HIP6028
REGULATOR
CONTROLLER
CONTROLLER
+3.3VIN
FIGURE 2.
+3.3VIN
VID1
VID2
VID3
VID4
SS
GND
VCC
+5VIN
VID0
+12VIN
VOUT1
PGND
VSEN1
PGOOD
LGATE
UGATE
OCSET
PHASE
Q1
Q2
POWERGOOD
FB
COMP
1.3V TO 3.5V
DRIVE3
VSEN3
VOUT2
COUT2
1.5V
2.5V
COUT3
CIN
COUT1
Q3
LOUT1
HIP6028
VOUT3
VOUT2
FAULT
SD1&3
CSS
RT
VIN2
FIGURE 3.
HIP6028


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn