Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG621 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADG621
Descripción Electrónicos  Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG621_15 Datasheet HTML 4Page - Analog Devices ADG621_15 Datasheet HTML 5Page - Analog Devices ADG621_15 Datasheet HTML 6Page - Analog Devices ADG621_15 Datasheet HTML 7Page - Analog Devices ADG621_15 Datasheet HTML 8Page - Analog Devices ADG621_15 Datasheet HTML 9Page - Analog Devices ADG621_15 Datasheet HTML 10Page - Analog Devices ADG621_15 Datasheet HTML 11Page - Analog Devices ADG621_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 11 of 12
NETWORK
ANALYZER
VDD
VSS
0.1µF
0.1µF
VDD
VSS
IN
VIN
S
D
OFF ISOLATION = 20 LOG
VOUT
VS
GND
50
50
RL
50
VS
VOUT
Figure 22. Off Isolation
CHANNEL-TO-CHANNEL CROSSTALK = 20 LOG
NETWORK
ANALYZER
VDD
VSS
0.1µF
0.1µF
VDD
VSS
IN
VOUT
VS
GND
50
RL
50
VS
VOUT
D1
S1
S2
D2
R
50
R
50
Figure 23. Channel-to-Channel Crosstalk
NETWORK
ANALYZER
VDD
VSS
0.1µF
0.1µF
VDD
VSS
IN
VIN
S
D
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
GND
50
RL
50
VS
VOUT
Figure 24. Bandwidth


Número de pieza similar - ADG621_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG621BRM AD-ADG621BRM Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG621BRM AD-ADG621BRM Datasheet
378Kb / 12P
   CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG621BRM AD-ADG621BRM Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
   CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
More results

Descripción similar - ADG621_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG623 AD-ADG623_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
ADG622 AD-ADG622_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
logo
Vishay Siliconix
DG2537 VISHAY-DG2537 Datasheet
156Kb / 9P
   4ohm Dual SPST Switches
Rev. A, 01-Aug-11
DG2537 VISHAY-DG2537_V01 Datasheet
178Kb / 10P
   4 ??Dual SPST Switches
09-Jul-2021
logo
Analog Devices
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
   SPST Switches
REV. C
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
   SPST Switches
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
   SPST Switches
logo
Maxim Integrated Produc...
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com