Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG733 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADG733
Descripción Electrónicos  Triple/Quad SPDT Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG733 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG733_15 Datasheet HTML 2Page - Analog Devices ADG733_15 Datasheet HTML 3Page - Analog Devices ADG733_15 Datasheet HTML 4Page - Analog Devices ADG733_15 Datasheet HTML 5Page - Analog Devices ADG733_15 Datasheet HTML 6Page - Analog Devices ADG733_15 Datasheet HTML 7Page - Analog Devices ADG733_15 Datasheet HTML 8Page - Analog Devices ADG733_15 Datasheet HTML 9Page - Analog Devices ADG733_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV.
B
ADG733/ADG734
–6–
Table I. ADG733 Truth Table
A2
A1
A0
EN
ON Switch
XX
X1
None
00
00D1-S1A, D2-S2A, D3-S3A
00
10D1-S1B, D2-S2A, D3-S3A
01
00D1-S1A, D2-S2B, D3-S3A
01
10D1-S1B, D2-S2B, D3-S3A
10
00D1-S1A, D2-S2A, D3-S3B
10
10D1-S1B, D2-S2A, D3-S3B
11
00D1-S1A, D2-S2B, D3-S3B
11
10D1-S1B, D2-S2B, D3-S3B
X = Don’t Care.
Table II. ADG734 Truth Table
Logic
Switch A
Switch B
0
OFF
ON
1ON
OFF
TERMINOLOGY
VDD
Most Positive Power Supply Potential
VSS
Most Negative Power Supply in a Dual Supply Application. In single supply applications, this should be tied to
ground close to the device.
IDD
Positive Supply Current
ISS
Negative Supply Current
GND
Ground (0 V) Reference
S
Source Terminal. May be an input or output.
DDrain Terminal. May be an input or output.
AX
Logic Control Input
EN
Active low device enable
VD (VS)Analog Voltage on Terminals D and S
RON
Ohmic Resistance between D and S
∆R
ON
On Resistance Match between any Two Channels (i.e., RONmax and RONmin)
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of on resistance as measured over
the specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch “OFF”
ID, IS (ON)
Channel Leakage Current with the Switch “ON”
VINL
Maximum Input Voltage for Logic “0”
VINH
Minimum Input Voltage for Logic “1”
IINL(IINH)
Input Current of the Digital Input
CS (OFF)
“OFF” Switch Source Capacitance. Measured with reference to ground.
CD, CS(ON)
“ON” Switch Capacitance. Measured with reference to ground.
CIN
Digital Input Capacitance
tON
Delay Time Measured between the 50% and 90% Points of the Digital Inputs and the Switch “ON” Condition
tOFF
Delay Time Measured between the 50% and 90% Points of the Digital Input and the Switch “OFF” Condition
tON(EN)Delay Time between the 50% and 90% Points of the EN Digital Input and the Switch “ON” Condition
tOFF(EN)Delay Time between the 50% and 90% Points of the EN Digital Input and the Switch “OFF” Condition
tOPEN
“OFF” Time Measured between the 80% Points of Both Switches when Switching from One Address State to
Another
Charge
A Measure of the Glitch Impulse Transferred Injection from the Digital Input to the Analog Output during Switching
Off Isolation
A Measure of Unwanted Signal Coupling through an “OFF” Switch.
Crosstalk
A Measure of Unwanted Signal that Is Coupled through from One Channel to Another as a Result of Para-
sitic Capacitance
On Response
The Frequency Response of the “ON” Switch
Insertion Loss
The Loss Due to the On Resistance of the switch


Número de pieza similar - ADG733_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG733BRQ AD-ADG733BRQ Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
ADG733BRQ AD-ADG733BRQ Datasheet
314Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRQ AD-ADG733BRQ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
ADG733BRU AD-ADG733BRU Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
ADG733BRU AD-ADG733BRU Datasheet
314Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
More results

Descripción similar - ADG733_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
ADG733BRUZ AD-ADG733BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
ADG734BRUZ AD-ADG734BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRU-REEL AD-ADG733BRU-REEL Datasheet
314Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG733 AD-ADG733 Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4740 MAXIM-MAX4740 Datasheet
289Kb / 13P
   Quad SPDT Audio Switches
Rev 1; 11/07
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Analog Devices
ADG1233 AD-ADG1233_15 Datasheet
436Kb / 16P
   Low Capacitance, Triple/Quad SPDT
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com