Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB060N06I3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

No. de pieza MTB060N06I3
Descripción Electrónicos  N -Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB060N06I3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB060N06I3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB060N06I3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB060N06I3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB060N06I3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB060N06I3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB060N06I3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB060N06I3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB060N06I3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C708I3
Issued Date : 2014.04.30
Revised Date :
Page No. : 3/8
MTB060N06I3
CYStek Product Specification
tf *1, 2
-
6
-
Ciss
-
1165
-
Coss
-
56
-
Crss
-
43
-
pF
VGS=0V, VDS=20V, f=1MHz
Rg
-
2.5
-
Ω
VGS=15mV, VDS=0, f=1MHz
Source-Drain Diode
IS *1
-
-
12
ISM *3
-
-
48
A
VSD *1
-
0.87
1.3
V
IF=IS, VGS=0V
trr
-
16
-
ns
Qrr
-
8
-
nC
IF=5A, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.


Número de pieza similar - MTB060N06I3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB060N15J3 CYSTEKEC-MTB060N15J3 Datasheet
372Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB060N15J3-0-T3-G CYSTEKEC-MTB060N15J3-0-T3-G Datasheet
372Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
More results

Descripción similar - MTB060N06I3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com