Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG738 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG738
Descripción Electrónicos  Serially-Controlled, Matrix Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG738 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG738_15 Datasheet HTML 3Page - Analog Devices ADG738_15 Datasheet HTML 4Page - Analog Devices ADG738_15 Datasheet HTML 5Page - Analog Devices ADG738_15 Datasheet HTML 6Page - Analog Devices ADG738_15 Datasheet HTML 7Page - Analog Devices ADG738_15 Datasheet HTML 8Page - Analog Devices ADG738_15 Datasheet HTML 9Page - Analog Devices ADG738_15 Datasheet HTML 10Page - Analog Devices ADG738_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADG738/ADG739
Rev. A | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 4. ADG738 Pin Configuration
Table 5. ADG738 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input.
These devices can accommodate serial input rates of up to 30 MHz.
2
RESET
Active Low Control Input. This pin clears the input register and turns all switches to the off condition.
3
DIN
Serial Data Input. Data is clocked into the 8-bit input register on the falling edge of the serial clock input.
4, 5, 6, 7
S1, S2, S3, S4
Source. May be an input or output.
8
D
Drain. May be an input or output.
9, 10, 11, 12
S8, S7, S6, S5
Source. May be an input or output.
13
V
DD
Power Supply Input. These parts can be operated from a supply of 2.7 V to 5.5 V.
14
GND
Ground Reference.
15
DOUT
Data Output. This allows a number a parts to be daisy-chained. Data is clocked out of the input shift
register on the rising edge of SCLK. This is an open drain output, which should be pulled to the supply
with an external resistor.
16
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low,
it powers on the SCLK and DIN buffers and the input shift register is enabled. Data is transferred on the
falling edges of the following clocks. Taking SYNC high updates the switch conditions.
SCLK
RESET
S2
S3
S4
S1
D
SYNC
DOUT
S5
S6
S7
GND
VDD
S8
DIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADG738
TOP VIEW
(Not to Scale)


Número de pieza similar - ADG738_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG738BRU AD-ADG738BRU Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
More results

Descripción similar - ADG738_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG728 AD-ADG728 Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG729BRUZ AD-ADG729BRUZ Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG738 AD-ADG738 Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
logo
Analog Devices
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com