Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG782 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG782
Descripción Electrónicos  Quad SPST Switches in Chip Scale Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG782 Datasheet(HTML) 7 Page - Analog Devices

  ADG782_15 Datasheet HTML 1Page - Analog Devices ADG782_15 Datasheet HTML 2Page - Analog Devices ADG782_15 Datasheet HTML 3Page - Analog Devices ADG782_15 Datasheet HTML 4Page - Analog Devices ADG782_15 Datasheet HTML 5Page - Analog Devices ADG782_15 Datasheet HTML 6Page - Analog Devices ADG782_15 Datasheet HTML 7Page - Analog Devices ADG782_15 Datasheet HTML 8Page - Analog Devices ADG782_15 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
REV.
ADG781/ADG782/ADG783
–7–
Test Circuits
Test Circuit 1. On Resistance
VD
IS (OFF)
ID (OFF)
SD
VS
A
A
Test Circuit 2. Off Leakage
0.1 F
VS
IN
S
D
VDD
GND
RL
300
CL
35pF
VOUT
VDD
ADG781
ADG782
VIN
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
50%
50%
VS
Test Circuit 4. Switching Times
S1
D1
0.1 F
VDD
IN1, IN2
VS1
GND
RL1
300
CL1
35pF
VOUT1
VS2
VOUT2
RL2
300
CL2
35pF
S2
VIN
D2
VDD
ADG783
tD
tD
50%
50%
90%
VIN
VOUT1
VOUT2
90%
90%
90%
0V
0V
0V
Test Circuit 5. Break-Before-Make Time Delay, tD
ID (ON)
SD
A
VD
NC
NC = NO CONNECT
Test Circuit 3. On Leakage
VOUT
VOUT
QINJ = CL
VOUT
SW ON
VIN
SW OFF
S
D
VDD
IN
RS
GND
VS
VOUT
CL
1nF
VDD
Test Circuit 6. Charge Injection
VS
VOUT
50
NETWORK
ANALYZER
RL
50
GND
S
D
VS
OFF ISOLATION = 20 LOG
VOUT
0.1 F
VDD
VDD
50
VIN
IN
Test Circuit 7. Off Isolation
CHANNEL-TO-CHANNEL
CROSSTALK = 20 LOG
VOUT
VS
GND
S1
D2
S2
NETWORK
ANALYZER
IN
D1
NC
VOUT
RL
50
0.1 F
VDD
VDD
50
RL
50
VS
Test Circuit 8. Channel-to-Channel Crosstalk
C
IDS
SD
VS
V
RON = V/IDS


Número de pieza similar - ADG782_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG782BCP AD-ADG782BCP Datasheet
169Kb / 8P
   2.5 ohm Quad SPST Switches in Chip Scale Package
REV. A
More results

Descripción similar - ADG782_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG783 AD-ADG783_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG781 AD-ADG781_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG781 AD-ADG781 Datasheet
169Kb / 8P
   2.5 ohm Quad SPST Switches in Chip Scale Package
REV. A
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
logo
Maxim Integrated Produc...
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201AKR-REEL7 AD-ADG201AKR-REEL7 Datasheet
233Kb / 6P
   LCMOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com