Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG901 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG901
Descripción Electrónicos  1.65 V to 2.75 V, SPST Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG901 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG901_15 Datasheet HTML 3Page - Analog Devices ADG901_15 Datasheet HTML 4Page - Analog Devices ADG901_15 Datasheet HTML 5Page - Analog Devices ADG901_15 Datasheet HTML 6Page - Analog Devices ADG901_15 Datasheet HTML 7Page - Analog Devices ADG901_15 Datasheet HTML 8Page - Analog Devices ADG901_15 Datasheet HTML 9Page - Analog Devices ADG901_15 Datasheet HTML 10Page - Analog Devices ADG901_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ADG901/ADG902
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
–0.4
–3.0
–2.2
–2.0
–1.8
–1.6
–1.4
–2.8
–2.6
–2.4
–1.2
–1.0
–0.8
–0.6
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
TA = 25°C
VDD = 2.5V
VDD = 2.75V
VDD = 2.25V
Figure 5. Insertion Loss vs. Frequency over Supplies (S12 and S21)
–0.40
–1.00
–0.85
–0.80
–0.75
–0.70
–0.65
–0.95
–0.90
–0.60
–0.55
–0.50
–0.45
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
VDD = 2.75V
VDD = 2.25V
VDD = 2.5V
TA = 25°C
Figure 6. Insertion Loss vs. Frequency over Supplies (S12 and S21)
(Zoomed Figure 5 Plot)
–0.4
–3.0
–2.2
–2.0
–1.8
–1.6
–1.4
–2.8
–2.6
–2.4
–1.2
–1.0
–0.8
–0.6
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
VDD = 1.8V
VDD = 1.95V
VDD = 1.65V
TA = 25°C
Figure 7. Insertion Loss vs. Frequency over Supplies (S12 and S21)
–0.4
–3.0
–2.2
–2.0
–1.8
–1.6
–1.4
–2.8
–2.6
–2.4
–1.2
–1.0
–0.8
–0.6
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
+25
°C
+85
°C
–40
°C
VDD = 2.5V
Figure 8. Insertion Loss vs. Frequency over Temperature (S12 and S21)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–95
–85
–75
–65
–55
–45
–35
–25
–15
–5
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
VDD = 2.5V
VDD = 1.8V
TA = 25°C
Figure 9. OFF Isolation vs. Frequency over Supplies (S12 and S21)
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
–85
–75
–65
–55
–45
–35
–25
–15
–5
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
+85
°C
+25
°C
–40
°C
VDD = 2.5V
Figure 10. Off Isolation vs. Frequency over Temperature (S12 and S21)


Número de pieza similar - ADG901_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG901-EP AD-ADG901-EP Datasheet
576Kb / 11P
   Low power consumption
ADG901BCP-500RL7 AD-ADG901BCP-500RL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901BCP-500RL7 AD-ADG901BCP-500RL7 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901BCP-REEL7 AD-ADG901BCP-REEL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901BCP-REEL7 AD-ADG901BCP-REEL7 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
More results

Descripción similar - ADG901_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com