Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG901 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADG901
Descripción Electrónicos  1.65 V to 2.75 V, SPST Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG901 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG901_15 Datasheet HTML 7Page - Analog Devices ADG901_15 Datasheet HTML 8Page - Analog Devices ADG901_15 Datasheet HTML 9Page - Analog Devices ADG901_15 Datasheet HTML 10Page - Analog Devices ADG901_15 Datasheet HTML 11Page - Analog Devices ADG901_15 Datasheet HTML 12Page - Analog Devices ADG901_15 Datasheet HTML 13Page - Analog Devices ADG901_15 Datasheet HTML 14Page - Analog Devices ADG901_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ADG901/ADG902
Rev. B | Page 10 of 16
APPLICATIONS
The ADG901/ADG902 are ideal solutions for low power, high
frequency applications. The low insertion loss, high isolation
between ports, low distortion, and low current consumption of
these parts make them excellent solutions for many high
frequency switching applications.
Applications include switching between high frequency filters,
ASK generators, and FSK generators.
ABSORPTIVE vs. REFLECTIVE SWITCHES
The ADG901 is an absorptive (matched) switch with
50 Ω terminated shunt legs and the ADG902 is a reflective
switch with 0 Ω terminated shunts to ground. The ADG901
absorptive switch has a good VSWR on each port, regardless of
the switch mode. An absorptive switch should be used when
there is a need for a good VSWR that is looking into the port
but not passing the through signal to the common port. The
ADG901 is therefore ideal for applications that require
minimum reflections back to the RF source. It also ensures that
the maximum power is transferred to the load.
The ADG902 reflective switch is suitable for applications where
high off port VSWR does not matter and the switch has some
other desired performance feature. It can be used in many
applications, including high speed filter selection. In most cases,
an absorptive switch can be used instead of a reflective switch,
but not vice versa.


Número de pieza similar - ADG901_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG901-EP AD-ADG901-EP Datasheet
576Kb / 11P
   Low power consumption
ADG901BCP-500RL7 AD-ADG901BCP-500RL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901BCP-500RL7 AD-ADG901BCP-500RL7 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901BCP-REEL7 AD-ADG901BCP-REEL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901BCP-REEL7 AD-ADG901BCP-REEL7 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
More results

Descripción similar - ADG901_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com