Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG936R Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADG936R
Descripción Electrónicos  CMOS, 1.65 V to 2.75 V, Dual SPDT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG936R Datasheet(HTML) 4 Page - Analog Devices

  ADG936R_15 Datasheet HTML 1Page - Analog Devices ADG936R_15 Datasheet HTML 2Page - Analog Devices ADG936R_15 Datasheet HTML 3Page - Analog Devices ADG936R_15 Datasheet HTML 4Page - Analog Devices ADG936R_15 Datasheet HTML 5Page - Analog Devices ADG936R_15 Datasheet HTML 6Page - Analog Devices ADG936R_15 Datasheet HTML 7Page - Analog Devices ADG936R_15 Datasheet HTML 8Page - Analog Devices ADG936R_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
ADG936/ADG936-R
Rev. B | Page 3 of 16
SPECIFICATIONS
VDD = 1.65 V to 2.75 V, GND = 0 V, input power = 0 dBm, all specifications TMIN to TMAX, unless otherwise noted.1
Table 1.
B Version
Parameter
Symbol
Conditions
Min
Typ2
Max
Unit
AC ELECTRICAL CHARACTERISTICS
Operating Frequency3
DC
2
GHz
3 dB Frequency4
4
GHz
Input Power4
0 V dc bias
7
dBm
0.5 V dc bias
16
dBm
Insertion Loss
S21, S12
DC to 100 MHz; VDD = 2.5 V ± 10%
0.4
0.5
dB
500 MHz; VDD = 2.5 V ± 10%
0.6
0.8
dB
1000 MHz; VDD = 2.5 V ± 10%
0.9
1.25
dB
Isolation—RFCx to RF1x/RF2x
S21, S12
100 MHz
52
60
dB
500 MHz
40
47
dB
1000 MHz
31
36
dB
Crosstalk—RF1x to RF2x
S21, S12
100 MHz
53
69
dB
500 MHz
42
45
dB
1000 MHz
34
37
dB
Return Loss (On Channel)4
S11, S22
DC to 100 MHz
20
25
dB
500 MHz
19
23
dB
1000 MHz
16
24
dB
Return Loss (Off Channel)4
S11, S22
DC to 100 MHz
18
24
dB
500 MHz
17
23
dB
1000 MHz
16
21
dB
On Switching Time4
tON
50% CTRL to 90% RF
11
14
ns
Off Switching Time4
tOFF
50% CTRL to 10% RF
10
13
ns
Rise Time4
tRISE
10% to 90% RF
6.1
8
ns
Fall Time4
tFALL
90% to 10% RF
6
8
ns
1 dB Compression4
P–1 dB
1000 MHz
16
dBm
Third-Order Intermodulation Intercept
IP3
900 MHz/901 MHz, 4 dBm
27.5
32
dBm
Video Feedthrough5
3
mV p-p
DC ELECTRICAL CHARACTERISTICS
Input High Voltage
VINH
VDD = 2.25 V to 2.75 V
1.7
V
VINH
VDD = 1.65 V to 1.95 V
0.65 VCC
V
Input Low Voltage
VINL
VDD = 2.25 V to 2.75 V
0.7
V
VINL
VDD = 1.65 V to 1.95 V
0.35 VCC
V
Input Leakage Current
II
0 ≤ VIN ≤ 2.75 V
± 0.1
± 1
µA
CAPACITANCE4
RF Port On Capacitance
CRF ON
f = 1 MHz
2.5
pF
Digital Input Capacitance
CDIG
f = 1 MHz
2
pF
POWER REQUIREMENTS
VDD
1.65
2.75
V
Quiescent Power Supply Current
IDD
Digital inputs = 0 V or VDD
0.1
1
µA
1
Temperature range of B Version: −40°C to +85°C.
2
Typical values are at VDD = 2.5 V and 25°C, unless otherwise noted.
3
Operating frequency is the point at which insertion loss degrades by 1 dB.
4
Guaranteed by design, not subject to production test.
5
Video feedthrough is the dc transience at the output of any port of the switch when the control voltage is switched from high to low or from low to high in a 50 Ω test
setup, measured with 1 ns rise time pulses and a 500 MHz bandwidth.


Número de pieza similar - ADG936R_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG936BCP AD-ADG936BCP Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG936BCP-500RL7 AD-ADG936BCP-500RL7 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG936BCP-R AD-ADG936BCP-R Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG936BCP-R-500RL7 AD-ADG936BCP-R-500RL7 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
More results

Descripción similar - ADG936R_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com