Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2314EDS-3 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SI2314EDS-3
Descripción Electrónicos  N-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2314EDS-3 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2314EDS-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS-3 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-Channel Enhancement MOSFET
SI2314EDS (KI2314EDS)
Typical Characterisitics
0.6
0.8
1.0
1.2
1.4
1.6
–50
–25
0
25
50
75
100
125
150
0
2
4
6
8
0
4
8
12
16
20
VDS = 10 V
ID = 5.0 A
VGS = 4.5 V
ID = 5.0 A
Gate Charge
Qg – Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
TJ – Junction Temperature ( C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0
2
4
6
8
ID = 5.0 A
20
1
0.01
e
g
a
tl
o
V
e
c
r
u
o
S
-
o
t-
e
t
a
G
.
s
v
e
c
n
a
t
s
i
s
e
R
-
n
O
e
g
a
tl
o
V
d
r
a
w
r
o
F
e
d
o
i
D
n
i
a
r
D
-
e
c
r
u
o
S
VSD
V
)
V
(
e
g
a
tl
o
V
n
i
a
r
D
-
o
t-
e
c
r
u
o
S
GS – Gate-to-Source Voltage (V)
0.1
TJ = 150 C
TJ = 25 C
10
0.01
0
1
10
12
4
6
100
600
0.1
Single Pulse Power
Time (sec)
2
8
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
–50
–25
0
25
50
75
100
125
150
ID = 250 A
Threshold Voltage
TJ – Temperature ( C)
10
TA = 25 C


Número de pieza similar - SI2314EDS-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
SI2314EDS-HF KEXIN-SI2314EDS-HF Datasheet
1Mb / 5P
   N-Channel MOSFET
SI2314EDS-HF-3 KEXIN-SI2314EDS-HF-3 Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Vishay Siliconix
SI2314EDS-T1-E3 VISHAY-SI2314EDS-T1-E3 Datasheet
196Kb / 8P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 02-Feb-09
logo
VBsemi Electronics Co.,...
SI2314EDS-T1-E3 VBSEMI-SI2314EDS-T1-E3 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
More results

Descripción similar - SI2314EDS-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com