Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG1311 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADG1311
Descripción Electrónicos  15 V/12 V Quad SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG1311 Datasheet(HTML) 4 Page - Analog Devices

  ADG1311_15 Datasheet HTML 1Page - Analog Devices ADG1311_15 Datasheet HTML 2Page - Analog Devices ADG1311_15 Datasheet HTML 3Page - Analog Devices ADG1311_15 Datasheet HTML 4Page - Analog Devices ADG1311_15 Datasheet HTML 5Page - Analog Devices ADG1311_15 Datasheet HTML 6Page - Analog Devices ADG1311_15 Datasheet HTML 7Page - Analog Devices ADG1311_15 Datasheet HTML 8Page - Analog Devices ADG1311_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADG1311/ADG1312/ADG1313
Rev. A | Page 4 of 12
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Y Version1
Parameter
25°C
−40°C to +105°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
325
520
Ω typ
VS = 0 V − 10 V, IS = −1 mA; see Figure 10
500
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between
Channels (∆RON)
10
Ω typ
VS = 0 V − 10 V, IS = −1 mA
15
Ω max
On Resistance Flatness (RFLAT(ON))
65
Ω typ
VS = 3 V/6 V/9 V, IS = −1 mA
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off )
±10
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 11
Drain Off Leakage, ID (Off )
±10
nA typ
VS = 1 V/10 V, VD = 10 V/1 V see Figure 11
Channel On Leakage, ID, IS (On)
±10
nA typ
VS = VD = 1 V or 10 V; se e Figure 12
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.001
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS2
tON
120
ns typ
RL = 300 Ω, CL = 35 pF
155
210
ns max
VS = 8 V; see Figure 13
tOFF
45
ns typ
RL = 300 Ω, CL = 35 pF
65
80
ns max
VS = 8 V; see Figure 13
Break-Before-Make Time Delay, tD
50
ns typ
RL = 300 Ω, CL = 35 pF
(ADG1313 Only)
10
ns min
VS1 = VS2 = 8 V; see Figure 14
Charge Injection
2
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see Figure 15
Off Isolation
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 16
Channel-to-Channel Crosstalk
90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 17
−3 dB Bandwidth
500
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 18
CS (Off )
5
pF typ
CD (Off )
5
pF typ
CD, CS (On)
10
pF typ
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
220
μA typ
Digital inputs = 5 V
380
μA max
1 Temperature range for Y Version is
−40°C to +105°C.
2 Guaranteed by design, not subject to production test.


Número de pieza similar - ADG1311_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1311YRUZ AD-ADG1311YRUZ Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
ADG1311YRUZ-REEL7 AD-ADG1311YRUZ-REEL7 Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
ADG1311YRZ AD-ADG1311YRZ Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
ADG1311YRZ-REEL7 AD-ADG1311YRZ-REEL7 Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
More results

Descripción similar - ADG1311_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311 Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com