Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG1404 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADG1404
Descripción Electrónicos  1.5 On Resistance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG1404 Datasheet(HTML) 3 Page - Analog Devices

  ADG1404_15 Datasheet HTML 1Page - Analog Devices ADG1404_15 Datasheet HTML 2Page - Analog Devices ADG1404_15 Datasheet HTML 3Page - Analog Devices ADG1404_15 Datasheet HTML 4Page - Analog Devices ADG1404_15 Datasheet HTML 5Page - Analog Devices ADG1404_15 Datasheet HTML 6Page - Analog Devices ADG1404_15 Datasheet HTML 7Page - Analog Devices ADG1404_15 Datasheet HTML 8Page - Analog Devices ADG1404_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG1404
Rev. A | Page 3 of 16
SPECIFICATIONS
15 V DUAL SUPPLY
VDD = 15 V ± 10%, VSS = −15 V± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance (RON)
1.5
Ω typ
VS = ±10 V, IS = −10 mA; see
Figure 22
1.8
2.3
2.6
Ω max
VDD = +13.5 V, VSS = −13.5 V
On-Resistance Match
Between Channels (ΔRON)
0.1
Ω typ
VS = ±10 V, IS = −10 mA
0.18
0.19
0.21
Ω max
On-Resistance Flatness (RFLAT(ON))
0.3
Ω typ
VS = ±10 V, IS = −10 mA
0.36
0.4
0.45
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
±0.03
nA typ
VS = ±10 V, Vs =
∓10 V; see Figure 23
±0.55
±2
±12.5
nA max
Drain Off Leakage, ID (Off)
±0.04
nA typ
VS = ±10 V, Vs =
∓10 V; see Figure 23
±0.55
±4
±30
nA max
Channel On Leakage, ID, IS (On)
±0.1
nA typ
VS = VD = ±10 V; see
Figure 24
±2
±4
±30
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINLor INH
0.005
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
3.5
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
150
ns typ
RL = 300 Ω, CL = 35 pF
180
220
250
ns max
VS = +10 V; see
Figure 29
tON (EN)
100
ns typ
RL = 300 Ω, CL = 35 pF
120
145
165
ns max
VS = +10 V; see
Figure 31
tOFF (EN)
110
ns typ
RL = 300 Ω, CL = 35 pF
135
165
185
ns max
VS = +10 V; see
Figure 31
Break-Before-Make Time Delay, tBBM
35
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 10 V; see
Figure 30
Charge Injection
−20
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see
Figure 32
Off Isolation
70
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz; see
Figure 25
Channel-to-Channel Crosstalk
82
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz; see
Figure 27
Total Harmonic Distortion + Noise
0.011
% typ
RL = 110 Ω, 10 V p-p, f = 20 Hz to 20 kHz; see
Figure 28
−3 dB Bandwidth
55
MHz typ
RL = 50 Ω, CL = 5 pF; see
Figure 26
Insertion Loss
−0.17
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see
Figure 26
CS (Off)
23
pF typ
f = 1 MHz, VS = 0 V
CD (Off)
90
pF typ
f = 1 MHz, VS = 0 V
CD, CS (On)
170
pF typ
f = 1 MHz, VS = 0 V
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1
μA max
IDD
170
μA typ
Digital inputs = 5 V
285
μA max
ISS
0.001
μA typ
Digital inputs = 0 V or VDD
1
μA max
VDD/VSS
±4.5/±16.5
V min/max
GND = 0 V
1 Guaranteed by design, not subject to production test.


Número de pieza similar - ADG1404_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1404YCPZ-500RL7 AD-ADG1404YCPZ-500RL7 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YCPZ-REEL7 AD-ADG1404YCPZ-REEL7 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YRUZ AD-ADG1404YRUZ Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YRUZ-REEL AD-ADG1404YRUZ-REEL Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YRUZ-REEL7 AD-ADG1404YRUZ-REEL7 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
More results

Descripción similar - ADG1404_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4594 TI1-MAX4594_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4597 TI1-MAX4597_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
logo
Advanced Power Electron...
AP0903GH-HF A-POWER-AP0903GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
AP0903GM-HF A-POWER-AP0903GM-HF_14 Datasheet
100Kb / 4P
   Low On-resistance
AP9960GM-HF A-POWER-AP9960GM-HF_14 Datasheet
74Kb / 6P
   Low On-Resistance
AP60N03GH A-POWER-AP60N03GH_14 Datasheet
67Kb / 4P
   Low On-Resistance
AP2312GN A-POWER-AP2312GN_14 Datasheet
72Kb / 4P
   Lower on-resistance
AP4436GM A-POWER-AP4436GM_14 Datasheet
183Kb / 5P
   Low on-resistance
AP6680AGM-HF A-POWER-AP6680AGM-HF_14 Datasheet
99Kb / 4P
   Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com