Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG1411 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADG1411
Descripción Electrónicos  1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG1411 Datasheet(HTML) 5 Page - Analog Devices

  ADG1411_15 Datasheet HTML 1Page - Analog Devices ADG1411_15 Datasheet HTML 2Page - Analog Devices ADG1411_15 Datasheet HTML 3Page - Analog Devices ADG1411_15 Datasheet HTML 4Page - Analog Devices ADG1411_15 Datasheet HTML 5Page - Analog Devices ADG1411_15 Datasheet HTML 6Page - Analog Devices ADG1411_15 Datasheet HTML 7Page - Analog Devices ADG1411_15 Datasheet HTML 8Page - Analog Devices ADG1411_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG1411/ADG1412/ADG1413
Rev. B | Page 5 of 16
±5 V DUAL SUPPLY
VDD = 5 V ± 10%, VSS = −5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 3.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance, RON
3.3
Ω typ
VS = ±4.5 V, IS = −10 mA; see Figure 23
4
4.9
5.4
Ω max
VDD = +4.5 V, VSS = −4.5 V
On-Resistance Match
Between Channels, ∆RON
0.13
Ω typ
VS = ±4.5 V, IS = −10 mA
0.22
0.23
0.25
Ω max
On-Resistance Flatness, RFLAT(ON)
0.9
Ω typ
VS = ±4.5 V; IS = −10 mA
1.1
1.24
1.31
Ω max
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V
Source Off Leakage, IS (Off)
±0.03
nA typ
VS = ±4.5 V, VD =
∓4.5 V; see Figure 24
±0.55
±2
±12.5
nA max
Drain Off Leakage, ID (Off)
±0.03
nA typ
VS = ±4.5 V, VD =
∓4.5 V; see Figure 24
±0.55
±2
±12.5
nA max
Channel On Leakage, ID, IS (On)
±0.05
nA typ
VS = VD = ±4.5 V; see Figure 25
±1.0
±4
±30
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.001
µA typ
VIN = VGND or VDD
±0.1
µA max
Digital Input Capacitance, CIN
3.5
pF typ
DYNAMIC CHARACTERISTICS1
tON
275
ns typ
RL = 300 Ω, CL = 35 pF
400
465
510
ns max
VS = 3 V; see Figure 30
tOFF
175
ns typ
RL = 300 Ω, CL = 35 pF
290
320
380
ns max
VS = 3 V; see Figure 30
Break-Before-Make Time Delay, tD
(ADG1413 Only)
100
ns typ
RL = 300 Ω, CL = 35 pF
50
ns min
VS1 = VS2 = 3 V; see Figure 31
Charge Injection, QINJ
30
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 32
Off Isolation
−80
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz; see Figure 26
Channel-to-Channel Crosstalk
−100
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 27
Total Harmonic Distortion + Noise
0.03
% typ
RL = 110 Ω, 5 V p-p, f = 20 Hz to 20 kHz;
see Figure 29
−3 dB Bandwidth
130
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 28
Insertion Loss
−0.5
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 28
CS (Off)
32
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
33
pF typ
VS = 0 V, f = 1 MHz
CD, CS (On)
116
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.001
µA typ
Digital inputs = 0 V or VDD
1.0
µA max
ISS
0.001
µA typ
Digital inputs = 0 V or VDD
1.0
µA max
VDD/VSS
±4.5/±16.5
V min/V max
GND = 0 V
1 Guaranteed by design; not subject to production test.


Número de pieza similar - ADG1411_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1411YCPZ-500RL7 AD-ADG1411YCPZ-500RL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-REEL7 AD-ADG1411YCPZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ AD-ADG1411YRUZ Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ-REEL AD-ADG1411YRUZ-REEL Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ-REEL7 AD-ADG1411YRUZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results

Descripción similar - ADG1411_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311 Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com