Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG3245 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza ADG3245
Descripción Electrónicos  2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG3245 Datasheet(HTML) 2 Page - Analog Devices

  ADG3245_15 Datasheet HTML 1Page - Analog Devices ADG3245_15 Datasheet HTML 2Page - Analog Devices ADG3245_15 Datasheet HTML 3Page - Analog Devices ADG3245_15 Datasheet HTML 4Page - Analog Devices ADG3245_15 Datasheet HTML 5Page - Analog Devices ADG3245_15 Datasheet HTML 6Page - Analog Devices ADG3245_15 Datasheet HTML 7Page - Analog Devices ADG3245_15 Datasheet HTML 8Page - Analog Devices ADG3245_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV.
–2–
ADG3245–SPECIFICATIONS1
(VCC = 2.3 V to 3.6 V, GND = 0 V, all specifications TMIN to TMAX, unless
otherwise noted.)
B Version
Parameter
Symbol
Conditions
Min
Typ
2
Max
Unit
DC ELECTRICAL CHARACTERISTICS
Input High Voltage
VINH
VCC = 2.7 V to 3.6 V
2.0V
VINH
VCC = 2.3 V to 2.7 V
1.7V
Input Low Voltage
VINL
VCC = 2.7 V to 3.6 V
0.8V
VINL
VCC = 2.3 V to 2.7 V
0.7V
Input Leakage Current
II
±0.01
±1
mA
OFF State Leakage Current
IOZ
0
£ A, B £ VCC
±0.01
±1
mA
ON State Leakage Current
0
£ A, B £ VCC
±0.01
±1
mA
Maximum Pass Voltage
VP
VA/VB = VCC =
SEL = 3.3 V, I
O = –5
mA2.02.52.9V
VA/VB = VCC =
SEL = 2.5 V, I
O= –5
mA1.51.82.1V
VA/VB = VCC = 3.3 V,
SEL = 0 V, I
O= –5
mA1.51.82.1V
CAPACITANCE
3
A Port Off Capacitance
CA OFF
f = 1 MHz
5
pF
B Port Off Capacitance
CB OFF
f = 1 MHz
5
pF
A, B Port On Capacitance
CA, CB ON
f = 1 MHz
10
pF
Control Input Capacitance
CIN
f = 1 MHz
6
pF
SWITCHING CHARACTERISTICS
3
Propagation Delay A to B or B to A, tPD
4
tPHL, tPLH
CL = 50 pF, VCC =
SEL = 3 V
0.225
ns
Propagation Delay Matching
5
22.5ps
Bus Enable Time
BE to A or B6
tPZH, tPZL
VCC = 3.0 V to 3.6 V;
SEL = V
CC
13.24.8ns
Bus Disable Time
BE to A or B6
tPHZ, tPLZ
VCC = 3.0 V to 3.6 V;
SEL = V
CC
13.24.8ns
Bus Enable Time
BE to A or B6
tPZH, tPZL
VCC = 3.0 V to 3.6 V;
SEL = 0 V
0.52.23.3ns
Bus Disable Time
BE to A or B6
tPHZ, tPLZ
VCC = 3.0 V to 3.6 V;
SEL = 0 V
0.51.72.9ns
Bus Enable Time
BE to A or B6
tPZH, tPZL
VCC = 2.3 V to 2.7 V;
SEL = V
CC
0.52.23
ns
Bus Disable Time
BE to A or B6
tPHZ, tPLZ
VCC = 2.3 V to 2.7 V;
SEL = V
CC
0.51.75
2.6ns
Maximum Data Rate
VCC =
SEL = 3.3 V; V
A/VB = 2 V
1.244
Gbps
Channel Jitter
VCC =
SEL = 3.3 V; V
A/VB = 2 V
50
ps p-p
Operating Frequency—Bus Enable
fBE
10
MHz
DIGITAL SWITCH
On Resistance
RON
VCC = 3 V,
SEL = V
CC, VA = 0 V, IBA = 8 mA
4.58
W
VCC = 3 V,
SEL = V
CC, VA = 1.7 V, IBA = 8 mA
15
28
W
VCC = 2.3 V,
SEL = V
CC, VA = 0 V, IBA = 8 mA
5
9
W
VCC = 2.3 V,
SEL = V
CC, VA = 1 V, IBA = 8 mA
11
18
W
VCC = 3 V,
SEL = 0 V V
A = 0 V, IBA = 8 mA
5
8
W
VCC = 3 V,
SEL = 0 V, V
A = 1 V, IBA = 8 mA
14
W
On Resistance Matching
RON
VCC = 3 V,
SEL = V
CC, VA = 0 V, IBA = 8 mA
0.45
W
VCC = 3 V,
SEL = V
CC, VA = 1 V, IBA = 8 mA
0.65
W
POWER REQUIREMENTS
VCC
2.33.6V
Quiescent Power Supply Current
ICC
Digital Inputs = 0 V or VCC;
SEL = V
CC
0.001
1
mA
Digital Inputs = 0 V or VCC ;
SEL = 0 V
0.65
1.2mA
Increase in ICC per Input
7
ICC
VCC = 3.6 V,
BE = 3.0 V; SEL = V
CC
130
mA
NOTES
1Temperature range is as follows: B Version: –40 C to +85 C.
2Typical values are at 25 C, unless otherwise stated.
3Guaranteed by design, not subject to production test.
4The digital switch contributes no propagation delay other than the RC delay of the typical R
ON of the switch and the load capacitance when driven by an ideal voltage
source. Since the time constant is much smaller than the rise/fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay
of the digital switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
5Propagation delay matching between channels is calculated from the on resistance matching and load capacitance of 50 pF.
6See Timing Measurement Information section.
7This current applies to the control pin
BE only. The A and B ports contribute no significant ac or dc currents as they transition.
Specifications subject to change without notice.
B


Número de pieza similar - ADG3245_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG3245BCPZ AD-ADG3245BCPZ Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3245BRU AD-ADG3245BRU Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3245BRU-REEL7 AD-ADG3245BRU-REEL7 Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3245BRUZ AD-ADG3245BRUZ Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
More results

Descripción similar - ADG3245_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG3247 AD-ADG3247_V01 Datasheet
12Mb / 12P
   2.5V/3.3V, 16-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3245 AD-ADG3245_V01 Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. PrE
logo
Pericom Semiconductor C...
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245_11 Datasheet
616Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
logo
Integrated Device Techn...
IDTQS3VH16210 IDT-IDTQS3VH16210 Datasheet
268Kb / 8P
   2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH
logo
ON Semiconductor
7WBD3305 ONSEMI-7WBD3305_14 Datasheet
107Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com