Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADIS16120 Datasheet(PDF) 4 Page - Analog Devices |
|
ADIS16120 Datasheet(HTML) 4 Page - Analog Devices |
4 / 12 page ADIS16120 Rev. B | Page 4 of 12 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating Acceleration (Any Axis, Unpowered, 0.5 ms) 2000 g Acceleration (Any Axis, Powered, 0.5 ms) 2000 g +VS −0.3 V to +6.0 V Output Short-Circuit Duration (Any Pin to Common) Indefinite Operating Temperature Range −55°C to +125°C Storage Temperature Range −65°C to +150°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Drops onto hard surfaces can cause shocks of greater than 2000 g and exceed the absolute maximum rating of the device. Care should be exercised in handling to avoid damage. THERMAL RESISTANCE The ADIS16120 provides a temperature output that is repre- sentative of the junction temperature. This can be used for system-level monitoring and power management/thermal characterization. Table 3. Thermal Characteristics Package Type θJA θJC Weight 24-Lead PCB Module 15.7°C/W 1.48°C/W 28.5 grams typical RATE SENSITIVE AXIS The ADIS16120 is a z-axis rate sensing device that is also called a yaw rate sensing device. It produces a positive-going change in the output voltage as a result of clockwise rotation about the axis, normal to the package top; that is, clockwise when looking down at the package lid. RATE AXIS + 2.5V RATEOUT RATE OF ROTATION GND 4.75V 0.25V VCC = 5V LATERAL A XIS LONG ITUDI NAL AXIS Figure 2. Rotational Measurement Orientation ESD CAUTION |
Número de pieza similar - ADIS16120_15 |
|
Descripción similar - ADIS16120_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |