Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADIS16120 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADIS16120
Descripción Electrónicos  Low Noise, Angular Rate Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADIS16120 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16120_15 Datasheet HTML 4Page - Analog Devices ADIS16120_15 Datasheet HTML 5Page - Analog Devices ADIS16120_15 Datasheet HTML 6Page - Analog Devices ADIS16120_15 Datasheet HTML 7Page - Analog Devices ADIS16120_15 Datasheet HTML 8Page - Analog Devices ADIS16120_15 Datasheet HTML 9Page - Analog Devices ADIS16120_15 Datasheet HTML 10Page - Analog Devices ADIS16120_15 Datasheet HTML 11Page - Analog Devices ADIS16120_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADIS16120
Rev. B | Page 9 of 12
APPLICATIONS INFORMATION
ACHIEVING OPTIMAL NOISE PERFORMANCE
There are several system level considerations that can have an
impact on the noise and accuracy of the ADIS16120. Under-
standing and managing these factors can influence the behavior
of any high performance system.
Supply and Common Considerations
The ADIS16120 provides approximately 1.8 μF of decoupling
capacitance. This capacitance is distributed throughout the
device and should be taken into account when considering
potential noise threats on the power supply lines.
Reference Output
The same reference that is used to calibrate the offset perform-
ance of the ADIS16120 is made available for system level use.
The REFOUT pin has 1 μF of capacitance, providing a degree
of noise filtering. However, careful use of this pin is necessary,
considering that any noise or level-shifting influences introduce
errors in the output.
Bandwidth Setting
If COUT is applied to reduce the bandwidth of the ADIS16120
response, it should be placed close to the device. Long cable
leads and PCB traces may increase the risk of noise introduction.
USING THE ADIS16120 WITH A SUPPLY
RATIOMETRIC ADC
The RATEOUT signal of the ADIS16120 is nonratiometric; that
is, neither the null voltage nor the rate sensitivity is proportional
to the supply. Instead, they are nominally constant for dc supply
changes within the 4.75 V to 5.25 V operating range. If the
ADIS16120 is used with a supply ratiometric ADC, the 2.5 V
output of the ADIS16120 can be converted and used to make
corrections in software for the supply variations.
SECOND-LEVEL ASSEMBLY
The ADIS16120 is designed to be mounted with the header pins
either facing up (bulkhead mount) or facing down (printed circuit
board mount). In either case, the mating socket should be a Samtec
part number: CLM-112-02-L-D-A or equivalent. This family of
connectors offers multiple configurations for use in mating to the
ADIS16120. Consult the manufacturer reference material if this
connector does not match system level requirements. The recom-
mended pad/hole layout for this socket is shown in Figure 16.
Use the alignment pins identified in this figure, along with either
Figure 17 or Figure 18, to design an appropriate interface for
the ADIS16120. Note that to meet worst-case dimensional
tolerances of the entire package, the header pins extend beyond
the height of the package, requiring the mating PCB to have holes
to prevent the bottoming-out of the ADIS16120 pins. Without
the holes, a bottom-out event places the ADIS16120 under stress,
which can affect accuracy performance. Also, in either mounting
configuration, ensure that the ADIS16120 is firmly mounted to
prevent additional mechanical vibration.
0.4334 [11.0]
0.0240 [0.610]
0.019685
[0.5000]
(TYP)
0.054 [1.37]
0.0394 [1.00]
0.0394 [1.00] 0.1800
[4.57]
NON PLATED
THRU HOLE 2×
0.022±
DIA (TYP)
0.022 DIA THRU HOLE (TYP)
NON PLATED THRU HOLE
Figure 16. Mating Socket Recommended Pad Layout
Dimensions are shown in inches (millimeters)


Número de pieza similar - ADIS16120_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADIS16120/PCB AD-ADIS16120/PCB Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
ADIS16120AML AD-ADIS16120AML Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
More results

Descripción similar - ADIS16120_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
ADIS16135 AD-ADIS16135 Datasheet
430Kb / 20P
   Precision Angular Rate Sensor
REV. 0
logo
List of Unclassifed Man...
SDG1000 ETC2-SDG1000 Datasheet
223Kb / 2P
   MEMS Angular Rate Sensor
logo
Analog Devices
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
   Precision Angular Rate Sensor
REV. D
logo
List of Unclassifed Man...
MLX90609 ETC2-MLX90609 Datasheet
611Kb / 22P
   Angular Rate Sensor (Standard version)
logo
Melexis Microelectronic...
MLX90609 MELEXIS-MLX90609 Datasheet
540Kb / 22P
   Angular Rate Sensor (Standard version)
logo
Analog Devices
ADIS16137 AD-ADIS16137 Datasheet
452Kb / 20P
   짹1000째/Sec Precision Angular Rate Sensor
ADIS16133 AD-ADIS16133 Datasheet
415Kb / 20P
   짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16136 AD-ADIS16136 Datasheet
446Kb / 20P
   짹450째/Sec Precision Angular Rate Sensor
REV. A
ADIS16130 AD-ADIS16130 Datasheet
373Kb / 16P
   Digital Output, High-Precision Angular Rate Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com