Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM809-5L Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADM809-5L
Descripción Electrónicos  Microprocessor Supervisory Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM809-5L Datasheet(HTML) 1 Page - Analog Devices

  ADM809-5L_15 Datasheet HTML 1Page - Analog Devices ADM809-5L_15 Datasheet HTML 2Page - Analog Devices ADM809-5L_15 Datasheet HTML 3Page - Analog Devices ADM809-5L_15 Datasheet HTML 4Page - Analog Devices ADM809-5L_15 Datasheet HTML 5Page - Analog Devices ADM809-5L_15 Datasheet HTML 6Page - Analog Devices ADM809-5L_15 Datasheet HTML 7Page - Analog Devices ADM809-5L_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Microprocessor
Supervisory Circuit
ADM809-5L/ADM809-5S
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Specified over temperature
Low power consumption: 17 μA
Precision voltage monitor: 3 V, 5 V options
Reset assertion down to 1 V VCC
30 ms minimum power-on reset
Logic low RESET output
Available in SOT-23 and SC70 packages
APPLICATIONS
Microprocessor systems
Computers
Controllers
Intelligent instruments
Automotive systems
GENERAL DESCRIPTION
The supervisory circuit of the ADM809-5L/ADM809-5S monitors
the power supply voltage in microprocessor systems. It provides
a reset output during power-up, power-down, and brownout
conditions. On power-up, an internal timer holds reset asserted
for 55 ms. This holds the microprocessor in a reset state until
conditions have stabilized. The RESET output remains operational
with VCC as low as 1 V. The ADM809-5L/ADM809-5S provide
an active low reset signal (RESET).
The reset comparator features built-in glitch immunity, making
it immune to fast transients on VCC.
The ADM809-5L/ADM809-5S consume only 17 μA, making
them suitable for low power, portable equipment.
FUNCTIONAL BLOCK DIAGRAM
ADM809-5L/
ADM809-5S
GND
RESET
GENERATOR
55ms
RESET
VCC
VREF
Figure 1.
TYPICAL OPERATING CIRCUIT
GND
GND
VCC
VCC
ADM809-5L/
ADM809-5S
MICROPROCESSOR
SYSTEM
VCC
RESET INPUT
RESET
Figure 2.


Número de pieza similar - ADM809-5L_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM809-5LART AD-ADM809-5LART Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM809-5LART-REEL AD-ADM809-5LART-REEL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM809-5LART-REEL-7 AD-ADM809-5LART-REEL-7 Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
More results

Descripción similar - ADM809-5L_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com