Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1177 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADM1177
Descripción Electrónicos  Hot Swap Controller and Digital Power Monitor with Soft Start Pin
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1177 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1177_15 Datasheet HTML 5Page - Analog Devices ADM1177_15 Datasheet HTML 6Page - Analog Devices ADM1177_15 Datasheet HTML 7Page - Analog Devices ADM1177_15 Datasheet HTML 8Page - Analog Devices ADM1177_15 Datasheet HTML 9Page - Analog Devices ADM1177_15 Datasheet HTML 10Page - Analog Devices ADM1177_15 Datasheet HTML 11Page - Analog Devices ADM1177_15 Datasheet HTML 12Page - Analog Devices ADM1177_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADM1177
Rev. C | Page 9 of 24
0
18
10
12
16
14
8
6
4
2
0
–1
–2
–3
–4
–5
–6
VCC (V)
Figure 16.Timer Pull-Up Current (Initial Cycle) vs. Supply Voltage
0
–80
–70
–60
–50
–40
–30
–20
–10
VCC (V)
0
18
10
12
16
14
8
6
4
2
Figure 17. Timer Pull-Up Current (Circuit Breaker Delay) vs. Supply Voltage
3.0
2.5
2.0
1.5
1.0
0.5
0
VCC (V)
0
18
10
12
16
14
8
6
4
2
Figure 18. Timer Pull-Down Current (Cooldown/FET Off Cycle)
vs. Supply Voltage
0
–1
–2
–3
–4
–5
–6
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 19. Timer Pull-Up Current (Initial Cycle) vs. Temperature
0
–10
–20
–30
–40
–50
–80
–70
–60
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 20. Timer Pull-Up Current (Circuit Breaker Delay) vs. Temperature
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 21. Timer Pull-Down Current (Cooldown/FET Off Cycle)
vs. Temperature


Número de pieza similar - ADM1177_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1177-1ARMZ-R7 AD-ADM1177-1ARMZ-R7 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
More results

Descripción similar - ADM1177_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1176 AD-ADM1176 Datasheet
683Kb / 24P
   Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
REV. 0
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1170 AD-ADM1170 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
LTC4287 AD-LTC4287 Datasheet
2Mb / 77P
   High Power Positive Hot Swap Controller with Power Monitor
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com