Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM3307E Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADM3307E
Descripción Electrónicos  15 kV ESD Protected, 2.7 V to 3.6 V Serial
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM3307E Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3307E_15 Datasheet HTML 5Page - Analog Devices ADM3307E_15 Datasheet HTML 6Page - Analog Devices ADM3307E_15 Datasheet HTML 7Page - Analog Devices ADM3307E_15 Datasheet HTML 8Page - Analog Devices ADM3307E_15 Datasheet HTML 9Page - Analog Devices ADM3307E_15 Datasheet HTML 10Page - Analog Devices ADM3307E_15 Datasheet HTML 11Page - Analog Devices ADM3307E_15 Datasheet HTML 12Page - Analog Devices ADM3307E_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Rev. I | Page 9 of 24
Table 4. Pin Function Descriptions
Mnemonic
Function
VCC
Power Supply Input 2.7 V to 3.6 V.
V+
Internally Generated Positive Supply, 7.25 V (6.5 V Nominal for ADM3310E, ADM3315E). Capacitor C4 is connected between
VCC and V+.
V−
Internally Generated Positive Supply, −7.25 V (−6.5 V Nominal for ADM3310E, ADM3315E). Capacitor C5 is connected between
GND and V−.
GND
Ground Pin. Must be connected to 0 V.
C1+, C1−
External Capacitor 1 is connected between these pins. A 0.1 µF capacitor is recommended, but larger capacitors up to 1 µF
can be used.
C2+, C2−
External Capacitor 2 is connected between these pins. A 0.1 µF capacitor is recommended, but larger capacitors up to 1 µF
can be used.
C3+, C3−
External Capacitor 3 is connected between these pins. A 0.1 µF capacitor is recommended, but larger capacitors up to 1 µF
can be used.
TIN
Transmitter (Driver) Inputs. These inputs accept TTL/CMOS levels. An internal 400 kΩ pull-up resistor to VCC is connected on
each input.
TOUT
Transmitter (Driver) Outputs. Typically ±5.5 V (±6.4 V for ADM3311E and ADM3312E).
RIN
Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 kΩ pull-down resistor (22 kΩ for ADM3315E) to GND is
connected on each of these inputs.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN
Receiver Enable. A high level three-states all the receiver outputs.
SD
Shutdown Control. A high level disables the charge pump and reduces the quiescent current to less than 1 µA. All
transmitters and most receivers are disabled. One receiver remains active in shutdown (two receivers are active in shutdown
for the ADM3310E).
For ADM3307E, ROUT3 is active in shutdown.
For ADM3310E, ROUT4 and ROUT5 are active in shutdown.
For ADM3311E, ROUT5 is active in shutdown.
For ADM3312E, ROUT3 is active in shutdown.
For ADM3315E, ROUT3 is active in shutdown.
NC
No Connect.
Table 5. ADM3307E Truth Table
SD
EN
Status
TOUT1–5
ROUT1–2
ROUT3
0
0
Normal Operation
Enabled
Enabled
Enabled
0
1
Normal Operation
Enabled
Disabled
Disabled
1
0
Shutdown
Disabled
Disabled
Enabled
1
1
Shutdown
Disabled
Disabled
Disabled
Table 6. ADM3310E Truth Table
SD
EN
Status
TOUT1–3
ROUT1–3
ROUT4–5
0
0
Normal Operation
Enabled
Enabled
Enabled
0
1
Receivers
Disabled
Enabled
Disabled
Disabled
1
0
Shutdown
Disabled
Disabled
Enabled
1
1
Shutdown
Disabled
Disabled
Disabled
Table 7. ADM3311 Truth Table
SD
EN
Status
TOUT1–3
ROUT1–4
ROUT5
0
0
Normal Operation
Enabled
Enabled
Enabled
0
1
Receivers
Disabled
Enabled
Disabled
Disabled
1
0
Shutdown
Disabled
Disabled
Enabled
1
1
Shutdown
Disabled
Disabled
Disabled
Table 8. ADM3312E/ADM3315E Truth Table
SD
EN
Status
TOUT1–3
ROUT1–2
ROUT3
0
0
Normal Operation
Enabled
Enabled
Enabled
0
1
Normal Operation
Enabled
Disabled
Disabled
1
0
Shutdown
Disabled
Disabled
Enabled
1
1
Shutdown
Disabled
Disabled
Disabled


Número de pieza similar - ADM3307E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3307EACP AD-ADM3307EACP Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACP-REEL AD-ADM3307EACP-REEL Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACP-REEL7 AD-ADM3307EACP-REEL7 Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACPZ AD-ADM3307EACPZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307EACPZ AD-ADM3307EACPZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
More results

Descripción similar - ADM3307E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3307E AD-ADM3307E Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com