Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


ICM7243 Datasheet(Hoja de datos) 3 Page - Intersil Corporation

No. de Pieza. ICM7243
Descripción  8-Character, Microprocessor- Compatible, LED Display Decoder Driver
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo 

 
 3 page
background image
9-23
Functional Block Diagram
MODE
A0/SEN
A1/CLR
MULTIPLEXER
SEQUENTIAL
CHARACTER
OSCILLATOR
DATA INPUT
D0 - D5
D
Q
CL
DATA
LATCHES
8 x 6
D1
CL
CLR
D0
ADR
6
64 x 17
ROM
SEGMENT
DRIVERS
SEGMENT
ONE
SHOT
8
17
WR
CS
CS
CS
MUX
SEL
D
CL
CL
D ADDRESS
LATCHES
D
CL
Q
CONTROL
CL
EN
CLR
SEQUENTIAL
ADDRESS
COUNTER
OVERFLOW
LATCH
OUTPUTS
SEG x
DATA
MEMORY
8
8
CHARACTER
DRIVERS
SEL
3
ADDRESS
MULITPLEXER
AND
DECODER
INTER-CHARACTER BLANKING
CHARACTER
MULTIPLEX
COUNTER
MULTIPLEX
OSCILLATOR
OSC/OFF
3
3
A2/DISP FULL
CHAR N
CHARACTER
OUTPUTS
(NOTE 1)
(NOTE 1)
NOTE:
1. ICM7243A has only one CS and no CS.
ICM7243B has 15 Segments.
(NOTE 1)
ICM7243




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
ICM72288-Digit Microprocessor- Compatible LED Display Decoder Driver 1 2 3 4 5 MoreIntersil Corporation
LM27965Dual Display White LED Driver with I2C Compatible Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
BA682ALED level meter driver 12-point VU scale dot or bar display 1 2 3 4 5 Rohm
MAX69524-Wire Interfaced 2.7V to 5.5V 4-Digit 5 .7 Matrix LED Display Driver 1 2 3 4 5 MoreMaxim Integrated Products
MIC5400Dual 8-Output 14-Bit LED Video Display Driver 1 2 3 4 5 MoreMicrel Semiconductor
IR240612-DOT LED DISPLAY DRIVER 1 2 3 Sharp Electrionic Components
MM5481LED Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX69532-Wire Interfaced 2.7V to 5.5V 4-Digit 5 x 7 Matrix LED Display Driver 1 2 3 4 5 MoreMaxim Integrated Products
IR2E0316-DOT LED DISPLAY DRIVER 1 List of Unclassifed Manufacturers
CAT31010 Channel Automotive LED Display Driver 1 2 3 4 5 MoreCatalyst Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl