Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM8695 Datasheet(PDF) 14 Page - Analog Devices

No. de pieza ADM8695
Descripción Electrónicos  Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM8695 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM8695_15 Datasheet HTML 10Page - Analog Devices ADM8695_15 Datasheet HTML 11Page - Analog Devices ADM8695_15 Datasheet HTML 12Page - Analog Devices ADM8695_15 Datasheet HTML 13Page - Analog Devices ADM8695_15 Datasheet HTML 14Page - Analog Devices ADM8695_15 Datasheet HTML 15Page - Analog Devices ADM8695_15 Datasheet HTML 16Page - Analog Devices ADM8695_15 Datasheet HTML 17Page - Analog Devices ADM8695_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADM8690/ADM8691/ADM8692/ADM8693/ADM8695
Rev. B | Page 14 of 20
APPLICATION INFORMATION
INCREASING THE DRIVE CURRENT
If the continuous output current requirements at VOUT exceed
100 mA, or if a lower VCC– VOUT voltage differential is desired,
an external PNP pass transistor can be connected in parallel
with the internal transistor. The BATT ON output (ADM8691/
ADM8693/ADM8695) can directly drive the base of the
external transistor.
PNP TRANSISTOR
0.1µF
0.1µF
BATTERY
VBATT
VCC
VOUT
BATT
ON
5V INPUT
POWER
ADM8691/
ADM8693/
ADM8695
Figure 24. Increasing the Drive Current
USING A RECHARGEABLE BATTERY FOR BACKUP
If a capacitor or a rechargeable battery is used for backup then
the charging resistor should be connected to VOUT because this
eliminates the discharge path that would exist during power-
down if the resistor is connected to VCC.
ADM869x
R
0.1µF
0.1µF
VBATT
VCC
VOUT
5V INPUT
POWER
RECHARGEABLE
BATTERY
VOUT – VBATT
R
I =
Figure 25. Rechargeable Battery
ADDING HYSTERESIS TO THE POWER-FAIL
COMPARATOR
For increased noise immunity, hysteresis can be added to the
power-fail comparator. Because the comparator circuit is
noninverting, hysteresis can be added simply by connecting a
resistor between the PFO output and the PFI input as shown in
Figure 26. When PFO is low, Resistor R3 sinks current from the
summing junction at the PFI pin. When PFO is high, the series
combination of R3 and R4 sources current into the PFI
summing junction. This results in differing trip levels for the
comparator.
5V
0V
PFO
0V
VL
VH
VIN
VH = 1.3V
VL = 1.3V
ASSUMING R4 < < R3 THEN
HYSTERESIS VH – VL = 5V
1+
R1
R2
R1
R3 )
(
+
1+
R1
R2
R1 (5V – 1.3V)
R3 (1.3V (R3 + R4)) )
(
ADM869x
1.3V
PFI
PFO
TO
MICROPROCESSOR
NMI
5V
VCC
7V TO 15V
INPUT
POWER
7805
R1
R2
R3
R4
R1
R2 )
(
Figure 26. Adding Hysteresis to the Power-Fail Comparator
MONITORING THE STATUS OF THE BATTERY
The power-fail comparator can be used to monitor the status of
the backup battery instead of the power supply, if desired. This
is shown in Figure 27. The PFI input samples the battery voltage
and generates an active low PFO signal when the battery voltage
drops below a chosen threshold. It can be necessary to apply a
test load to determine the loaded battery voltage. This is done
under processor control using CEOUT. Because CEOUT is forced
high during the battery backup mode, the test load is not
applied to the battery while it is in use, even if the
microprocessor is not powered.
ADM869x
PFI
BATTERY
10M
10M
R1
R2
5V INPUT
POWER
20k
OPTIONAL
TEST LOAD
LOW BATTERY
SIGNAL TO
MICROPROCESSOR
I/O PIN
VBATT
VCC
CEOUT
CEIN
PFO
FROM
MICROPROCESSOR
I/O PIN APPLIES
TEST LOAD
TO BATTERY
Figure 27. Monitoring the Battery Status


Número de pieza similar - ADM8695_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM8695AN AD-ADM8695AN Datasheet
207Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8695AN AD-ADM8695AN Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8695ARW AD-ADM8695ARW Datasheet
207Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8695ARW AD-ADM8695ARW Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8695ARW AD-ADM8695ARW Datasheet
392Kb / 24P
   Microprocessor Supervisory Circuits
Rev. C
More results

Descripción similar - ADM8695_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com