Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLML6402-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza IRLML6402-3
Descripción Electrónicos  P-Channel Enhancement MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRLML6402-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  IRLML6402-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRLML6402-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRLML6402-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRLML6402-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRLML6402-3 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd IRLML6402-3 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.kexin.com.cn
2
SMD Type
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Min
Typ
Max
Unit
Drain-source Breakdown voltage
VDSS
ID
V
= 0V
-20
V
VDS = -20 V, V
= 0V
-1.0
VDS = -20 V, V
= 0V, TJ
-25
ce leadage
I
V
=±12V
±
100
nA
e
V
VDS = V , ID
-0.40 -0.55
V
ID
V
= -4.5V
0.050
ID= -3.1A, V
= -2.5V
0.080 0.135
Forward Transconductance
gfs
VDS = -10 V, ID
S
Input capacitance
Ciss
VDS = -10 V,
Output capacitance
Coss
V
= 0 V,
145
Reverse transfer capacitance
Crss
f= 1MHz
110
e
g
8.0
12
ce Charge
gs
1.2
1.8
rain Charge
gd
2.8
4.2
Turn-on delay time
td(on)
ID
350
Rise time
tr
VDD= -10 V,
48
Turn-off delay time
td(off)
RD
Ω
588
Fall time
tf
R
Ω
381
Reverse recovery time
trr
43
ns
Reverse recovery charge
rr
11
nC
Continuous source current
IS
-1.3
Pulsed source curren
ISM
-22
Diode forward voltage
VSD
TJ=25℃,V
= 0 V, IS = -1.0 A
-1.2
V
tit
lse width limited by max.junction temperature.
e width ≤ 400μs, Duty cycle ≤
TJ=25℃, IF = -1.0 A,
μ
s
ns
pF
A
MOSFET symbo
l showing the
integral reverse
p-n junction diode
VDS = -10V ,V
= -5.0 V , ID
nC
IDSS
Static drain-source on- resistance
RDS(on)
Ω
S
D
G
Test conditions
Zero Gate Voltage Drain Current
IRLML6402 (KRLML6402)
P-Channel Enhancement MOSFET
Marking
Marking
1E **


Número de pieza similar - IRLML6402-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLML6402 IRF-IRLML6402 Datasheet
81Kb / 8P
   HEXFET Power MOSFET
IRLML6402 IRF-IRLML6402 Datasheet
140Kb / 9P
   HEXFET Power MOSFET
logo
Texas Instruments
IRLML6402 TI1-IRLML6402 Datasheet
249Kb / 12P
[Old version datasheet]   bq2026 Evaluation Software
logo
Guangdong Kexin Industr...
IRLML6402 KEXIN-IRLML6402 Datasheet
2Mb / 6P
   P-Channel Enhancement MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML6402 HOTTECH-IRLML6402 Datasheet
442Kb / 4P
   Plastic-Encapsulate Mosfets
More results

Descripción similar - IRLML6402-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com