Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2530 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADN2530
Descripción Electrónicos  11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2530 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2530_15 Datasheet HTML 5Page - Analog Devices ADN2530_15 Datasheet HTML 6Page - Analog Devices ADN2530_15 Datasheet HTML 7Page - Analog Devices ADN2530_15 Datasheet HTML 8Page - Analog Devices ADN2530_15 Datasheet HTML 9Page - Analog Devices ADN2530_15 Datasheet HTML 10Page - Analog Devices ADN2530_15 Datasheet HTML 11Page - Analog Devices ADN2530_15 Datasheet HTML 12Page - Analog Devices ADN2530_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADN2530
Rev. B | Page 9 of 20
0
0
20
40
80
60
100
120
140
25
20
15
10
5
DIFFERENTIAL MODULATION CURRENT (mA)
IBIAS = 25mA
IBIAS = 10mA
IBIAS = 2mA
Figure 17. Total Supply Current vs. IMOD
26
0
5
10
15
20
25
31
30
29
28
27
RISE TIME (ps)
Figure 18. Worst-Case Rise Time Distribution
26
0
5
10
15
20
25
31
30
29
28
27
FALL TIME (ps)
Figure 19. Worst-Case Fall Time Distribution
1 LEVEL
1 LEVEL
0 LEVEL
0 LEVEL
CROSSING
Figure 20. Electrical Eye Diagram
(IMOD = 10 mA, PRBS31 Pattern at 10.3125 Gbps)
Figure 21. Filtered 10G Ethernet Optical Eye Using AOC HFE6192-562 VCSEL
(PRBS31 Pattern at 10.3125 Gbps, 3 dB Optical Attenuator)


Número de pieza similar - ADN2530_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2530YCPZ-R2 AD-ADN2530YCPZ-R2 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-REEL7 AD-ADN2530YCPZ-REEL7 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-WP AD-ADN2530YCPZ-WP Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
More results

Descripción similar - ADN2530_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET8501V TI-ONET8501V Datasheet
846Kb / 28P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com