Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2804 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADN2804
Descripción Electrónicos  622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2804 Datasheet(HTML) 4 Page - Analog Devices

  ADN2804_15 Datasheet HTML 1Page - Analog Devices ADN2804_15 Datasheet HTML 2Page - Analog Devices ADN2804_15 Datasheet HTML 3Page - Analog Devices ADN2804_15 Datasheet HTML 4Page - Analog Devices ADN2804_15 Datasheet HTML 5Page - Analog Devices ADN2804_15 Datasheet HTML 6Page - Analog Devices ADN2804_15 Datasheet HTML 7Page - Analog Devices ADN2804_15 Datasheet HTML 8Page - Analog Devices ADN2804_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADN2804
Data Sheet
Rev. D | Page 4 of 24
JITTER SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 µF, SLICEP = SLICEN = VEE, input data pattern: PRBS 223 − 1,
unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
PHASE-LOCKED LOOP CHARACTERISTICS
Jitter Transfer Bandwidth
OC-12
75
130
kHz
Jitter Peaking
OC-12
0
0.03
dB
Jitter Generation
OC-12, 12 kHz to 5 MHz
0.001
0.003
UI rms
0.011
0.026
UI p-p
Jitter Tolerance
OC-12, 223 − 1 PRBS
30 Hz1
100
UI p-p
300 Hz1
44
UI p-p
25 kHz
2.5
UI p-p
250 kHz1
1.0
UI p-p
1
Jitter tolerance of the ADN2804 at these jitter frequencies is better than what the test equipment is able to measure.


Número de pieza similar - ADN2804_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2804ACPZ AD-ADN2804ACPZ Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804ACPZ-500RL7 AD-ADN2804ACPZ-500RL7 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804ACPZ-RL7 AD-ADN2804ACPZ-RL7 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
More results

Descripción similar - ADN2804_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
   622 Mbps Clock and Data Recovery IC
REV. 0
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3991 MAXIM-MAX3991 Datasheet
261Kb / 12P
   10Gbps Clock and Data Recovery with Limiting Amplifier
Rev 0; 11/04
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
logo
Analog Devices
ADN2855 AD-ADN2855 Datasheet
369Kb / 20P
   Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com