Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF9630 Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza IRF9630
Descripción Electrónicos  6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF9630 Datasheet(HTML) 4 Page - Intersil Corporation

  IRF9630 Datasheet HTML 1Page - Intersil Corporation IRF9630 Datasheet HTML 2Page - Intersil Corporation IRF9630 Datasheet HTML 3Page - Intersil Corporation IRF9630 Datasheet HTML 4Page - Intersil Corporation IRF9630 Datasheet HTML 5Page - Intersil Corporation IRF9630 Datasheet HTML 6Page - Intersil Corporation IRF9630 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-30
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
VDS, DRAIN TO SOURCE VOLTAGE (V)
-100
-1
100
µs
10
µs
DC
1ms
10ms
100ms
-10
-1
-0.1
-1000
-10
-100
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TC = 25
oC
SINGLE PULSE
TJ = MAX RATED
0
-10
-20
-30
-40
-3
-6
-9
-12
-15
-50
-9V
VGS = -7V
VGS = -6V
VGS = -5V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4V
VGS = -10V
VGS = -8V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
-4
0
-2
-4
-6
-10
-8
-12
VDS, DRAIN TO SOURCE VOLTAGE (V)
-16
-8
-20
VGS = -6V
VGS = -5V
VGS = -4V
VGS = -7V
VGS = -9V
VGS = -8V
VGS = -10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
-4
-6
-8
-10
-2
0
-9
-12
VGS, GATE TO SOURCE VOLTAGE (V)
-15
-6
-3
-125oC
25oC
-55oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
1.6
-5
-10
-15
-20
ID, DRAIN CURRENT (A)
-25
2.0
0
0.4
0.8
1.2
VGS = -10V
VGS = - 20V
2.5
1.5
1.0
0.5
0
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
160
2.0
80
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
IRF9630, RF1S9630SM


Número de pieza similar - IRF9630

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
IRF9630 SAMSUNG-IRF9630 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
logo
International Rectifier
IRF9630 IRF-IRF9630 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
logo
Vishay Siliconix
IRF9630 VISHAY-IRF9630 Datasheet
547Kb / 8P
   Power MOSFET
Rev. B, 16-Jun-08
logo
Kersemi Electronic Co.,...
IRF9630 KERSEMI-IRF9630 Datasheet
2Mb / 7P
   Power MOSFET
logo
List of Unclassifed Man...
IRF9630 ETC2-IRF9630 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Descripción similar - IRF9630

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
IRFR220 INTERSIL-IRFR220 Datasheet
55Kb / 7P
   4.6A, 200V, 0.800 Ohm, N-Channel Power MOSFETs
IRFF9230 INTERSIL-IRFF9230 Datasheet
328Kb / 7P
   -4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET
logo
Fairchild Semiconductor
2N6790 FAIRCHILD-2N6790 Datasheet
86Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power
logo
Intersil Corporation
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
   -5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
IRF620 INTERSIL-IRF620 Datasheet
54Kb / 7P
   5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
   0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
   0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
IRF9640 INTERSIL-IRF9640 Datasheet
63Kb / 7P
   11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
IRFF9220 INTERSIL-IRFF9220 Datasheet
327Kb / 7P
   -2.5A, -200V, 1.5 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com