Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2811 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADN2811
Descripción Electrónicos  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 5 Page - Analog Devices

  ADN2811_15 Datasheet HTML 1Page - Analog Devices ADN2811_15 Datasheet HTML 2Page - Analog Devices ADN2811_15 Datasheet HTML 3Page - Analog Devices ADN2811_15 Datasheet HTML 4Page - Analog Devices ADN2811_15 Datasheet HTML 5Page - Analog Devices ADN2811_15 Datasheet HTML 6Page - Analog Devices ADN2811_15 Datasheet HTML 7Page - Analog Devices ADN2811_15 Datasheet HTML 8Page - Analog Devices ADN2811_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADN2811
Rev. B | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
Supply Voltage (VCC)
5.5 V
Minimum Input Voltage (All Inputs)
VEE − 0.4 V
Maximum Input Voltage (All Inputs)
VCC + 0.4 V
Maximum Junction Temperature
165°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering 10 Sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance
48-lead LFCSP, 4-layer board with exposed paddle soldered
to VCC
θJA = 25°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Número de pieza similar - ADN2811_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2811ACP-CML AD-ADN2811ACP-CML Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2811ACP-CML-RL AD-ADN2811ACP-CML-RL Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
More results

Descripción similar - ADN2811_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
logo
Silicon Laboratories
SI5018 SILABS-SI5018 Datasheet
211Kb / 22P
   SiPHY??OC-48/STM-16 CLOCK AND DATA RECOVERY IC WITH FEC
logo
Filtronic Compound Semi...
OC48 FILTRONIC-OC48 Datasheet
24Kb / 2P
   OC 48 & OC 192 PHASE SHIFTER FOR CLOCK & DATA RECOVERY 6705 K
logo
OPLINK Communications I...
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Vitesse Semiconductor C...
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
   OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
logo
OPLINK Communications I...
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
   OC-48/STM-16 Receiver without Clock Recovery
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Integrated Device Techn...
IDT5T929 IDT-IDT5T929 Datasheet
60Kb / 8P
   PRECISION CLOCK GENERATOR OC-48 APPLICATIONS
logo
Applied Micro Circuits ...
CS4815 AMCC-CS4815 Datasheet
181Kb / 3P
   OC-48/12/3 DW/FEC/PM and ASYNC Mapper Device with Strong FEC
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
   SONET OC-48 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com