Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2841 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADN2841
Descripción Electrónicos  Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2841 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2841_15 Datasheet HTML 7Page - Analog Devices ADN2841_15 Datasheet HTML 8Page - Analog Devices ADN2841_15 Datasheet HTML 9Page - Analog Devices ADN2841_15 Datasheet HTML 10Page - Analog Devices ADN2841_15 Datasheet HTML 11Page - Analog Devices ADN2841_15 Datasheet HTML 12Page - Analog Devices ADN2841_15 Datasheet HTML 13Page - Analog Devices ADN2841_15 Datasheet HTML 14Page - Analog Devices ADN2841_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADN2841
Rev. B | Page 11 of 16
DATA AND CLOCK INPUTS
Data and clock inputs are ac-coupled (10 nF recommended)
and terminated via a 100 Ω internal resistor between the DATAP
and DATAN pins and also between the CLKP and CLKN pins.
A high impedance circuit sets the common-mode voltage that
is designed to change over temperature. It is recommended that
ac coupling be used to eliminate the need for matching between
common-mode voltages.
ADN2841
R = 2.5kΩ, DATA
R = 3kΩ, CLK
TO FLIP-FLOPS
400µA TYP
DATAP
DATAN
VREG
R
50Ω
50Ω
Figure 9. AC Coupling of Data Inputs
CCBIAS
CCBIAS should be connected to the IBIAS pin if the laser diode
is connected to the ADN2841 using a capacitor. CCBIAS is a
current sink to GND.
AUTOMATIC LASER SHUTDOWN
The ADN2841 ALS pin allows compliance with ITU-T G.958
(11/94), Section 9.7. When ALS is logic high, both bias and
modulation currents are turned off.
Correct operation of ALS can be confirmed by the FAIL alarm
being raised when ALS is asserted. Note that this is the only
time that DEGRADE will be low while FAIL is high.
ALARM INTERFACES
A 30 kΩ internal pull-up resistor is used to pull the digital high
value of the alarm outputs to VCC. However, the ADN2841 has a
feature that allows the user to externally wire resistors in parallel
with the 30 kΩ pull-up resistors, thus enabling the user to inter-
face to non-VCC levels. Non-VCC alarm output levels must be
below the VCC used for the ADN2841.
POWER CONSUMPTION
The ADN2841 die temperature must be kept below 125°C. The
θJA is 25°C/W for the 48-lead LFCSP and 32°C/W for the 32-lead
LFCSP when soldered on a 4-layer board. Both LFCSP packages
have an exposed pad and, therefore, must be soldered to the PCB
to achieve this thermal performance.
TDIE = TAMBIENT + (θJA × P)
ICC = ICCMIN + (0.3 × IMOD)
P = VCC × ICC + (IBIAS × VIBIAS) + (IMOD × VIMODx)
Thus, the maximum combination of IBIAS + IMOD must be
calculated.
ADN2841
PSET
ERSET
DATAP
DATAN
IDTONE
IMODP
IBIAS
IMPD
ADN2850
DAC1
DAC2
SDI
SDO
CLK
Tx
Rx
CLK
CS
VCC
VCC
VCC
CS
Figure 10. Application Using Optical Supervisor ADN2850 as a Dual, 10-Bit
Digital Potentiometer Using Thin Film Resistor Technology to Give Very Low
Temperature Coefficients


Número de pieza similar - ADN2841_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2841ACP-32 AD-ADN2841ACP-32 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2841ACP-32-RL AD-ADN2841ACP-32-RL Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2841ACP-32-RL7 AD-ADN2841ACP-32-RL7 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2841ACP-48 AD-ADN2841ACP-48 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2841ACP-48-RL AD-ADN2841ACP-48-RL Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
More results

Descripción similar - ADN2841_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com