Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2890 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADN2890
Descripción Electrónicos  3.3 V 2.7 Gb/s Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2890 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2890_15 Datasheet HTML 4Page - Analog Devices ADN2890_15 Datasheet HTML 5Page - Analog Devices ADN2890_15 Datasheet HTML 6Page - Analog Devices ADN2890_15 Datasheet HTML 7Page - Analog Devices ADN2890_15 Datasheet HTML 8Page - Analog Devices ADN2890_15 Datasheet HTML 9Page - Analog Devices ADN2890_15 Datasheet HTML 10Page - Analog Devices ADN2890_15 Datasheet HTML 11Page - Analog Devices ADN2890_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADN2890
Data Sheet
Rev. A | Page 10 of 12
PCB Layout
Figure 9 shows a recommended PC board layout. Use of 50 Ω
transmission lines is required for all high frequency input and
output signals to minimize reflections: PIN, NIN, OUTP and
OUTN. It is also necessary for the PIN/NIN input traces to be
matched in length, and OUTP/OUTN output traces to be matched
in length to avoid skew between the differential traces. C1, C2,
C3, and C4 are ac-coupling capacitors in series with the high
speed I/O. It is recommended that components be used such
that the pad for the capacitor is the same width as the transmission
line in order to minimize the mismatch in the 50 Ω transmission
line at the capacitor’s pads. It is recommended that the trans-
mission lines not change layers through vias, if possible. For
supply decoupling, the 1 nF decoupling capacitor should be
placed on the same layer as the ADN2890 as close as possible to
the VCC pin. The 0.1 µF capacitor can be placed on the bottom
of the PCB directly underneath the 1 nF decoupling capacitor.
All high speed CML outputs are back-terminated on chip with
50 Ω resistors connected between the output pin and VCC. The
high speed inputs, PIN and NIN, are internally terminated with
50 Ω to an internal reference voltage.
As with any high speed mixed-signal design, take care to keep
all high speed digital traces away from sensitive analog nodes.
Soldering Guidelines for Chip Scale Package
The lands on the 16 LFCSP are rectangular. The printed circuit
board pad for these should be 0.1 mm longer than the package
land length and 0.05 mm wider than the package land width.
The land should be centered on the pad. This ensures that the
solder joint size is maximized. The bottom of the chip scale
package has a central exposed pad. The pad on the printed
circuit board should be at least as large as this exposed pad. The
user must connect the exposed pad to VEE using filled vias so
that solder does not leak through the vias during reflow. This
ensures a solid connection from the exposed pad to VEE.
Figure 9. Recommended ADN2890 PCB Layout
1
VIAS TO
GND
EXPOSED PAD
PIN
NIN
VIA TO C12, R2
ON BOTTOM
C11
VIA TO BOTTOM
DOUBLE-VIA TO GND
TO REDUCE INDUCTANCE
C3
C8
C4
C1
C6
C2
OUTP
DOUBLE-VIAS TO REDUCE
INDUCTANCE TO SUPPLY
AND GND
R1, C9, C10 ON BOTTOM
TO ROSA
PLACE C7 ON
BOTTOM OF BOARD
UNDERNEATH C8
OUTN
PLACE C5 ON
BOTTOM OF BOARD
UNDERNEATH C6
4mm


Número de pieza similar - ADN2890_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2890 AD-ADN2890_17 Datasheet
350Kb / 12P
   Limiting Amplifier
More results

Descripción similar - ADN2890_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2890ACPZ-RL7 AD-ADN2890ACPZ-RL7 Datasheet
273Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2890 AD-ADN2890 Datasheet
263Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2892 AD-ADN2892 Datasheet
237Kb / 12P
   3.3 V 4.25 Gb/s Limiting Amplifier
Rev. PrA
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com